Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L32 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT91L32
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L32 Datasheet(HTML) 1 Page - Exar Corporation

  XRT91L32 Datasheet HTML 1Page - Exar Corporation XRT91L32 Datasheet HTML 2Page - Exar Corporation XRT91L32 Datasheet HTML 3Page - Exar Corporation XRT91L32 Datasheet HTML 4Page - Exar Corporation XRT91L32 Datasheet HTML 5Page - Exar Corporation XRT91L32 Datasheet HTML 6Page - Exar Corporation XRT91L32 Datasheet HTML 7Page - Exar Corporation XRT91L32 Datasheet HTML 8Page - Exar Corporation XRT91L32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
PRELIMINARY
XRT91L32
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
NOVEMBER 2006
REV. 1.0.2
GENERAL DESCRIPTION
The XRT91L32 is a fully integrated SONET/SDH
transceiver for SONET/SDH 622.08 Mbps STS-12/
STM-4 or 155.52 Mbps STS-3/STM-1 applications.
The transceiver includes an on-chip Clock Multiplier
Unit (CMU), which uses a high frequency Phase-
Locked Loop (PLL) to generate the high-speed
transmit serial clock from a slower external clock
reference. It also provides Clock and Data Recovery
(CDR) function by synchronizing its on-chip Voltage
Controlled Oscillator (VCO) to the incoming serial
data stream. The internal CDR unit can be disabled
and bypassed in lieu of an externally recovered
received clock from the optical module. Either the
internally recovered clock or the externally recovered
clock can be used for loop timing applications. The
chip provides serial-to-parallel and parallel-to-serial
converters using an 8-bit wide LVTTL system
interface in both receive and transmit directions.
The transmit section includes an option to accept a
parallel clock signal from the framer/mapper to
synchronize the transmit section timing. The device
can internally monitor Loss of Signal (LOS) condition
and automatically mute received data upon LOS. An
on-chip SONET/SDH frame byte and boundary
detector and frame pulse generator offers the ability
recover SONET/SDH framing and to byte align the
receive serial data stream into the 8-bit parallel bus.
APPLICATIONS
SONET/SDH-based Transmission Systems
Add/Drop Multiplexers
Cross Connect Equipment
ATM and Multi-Service Switches, Routers and
Switch/Routers
DSLAMS
SONET/SDH Test Equipment
DWDM Termination Equipment
FIGURE 1. BLOCK DIAGRAM OF XRT91L32
XRT91L32
Clock Control
Control Block
STS-12/STM-4 or STS-3/STM-1
TRANSCEIVER
Loop Filters
RXDO[7:0]
RXPCLKO
CDR
RXIP/N
8
Div by 8
XRXCLKIP/N
SIPO
(Serial Input
Parallel Output)
PISO
(Parallel Input
Serial Output)
DLOOP
ALOOP
RLOOPS
Re-Timer
CMU
TXOP/N
TTLREFCLK
REFCLKP/N
CDRAUXREFCLK
TXPCLK_IO
Div by
8
ENB
ENB
TXDI[7:0]
8


Similar Part No. - XRT91L32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L32IQ-F EXAR-XRT91L32IQ-F Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results

Similar Description - XRT91L32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com