Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L32IQ-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT91L32IQ-F
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L32IQ-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT91L32IQ-F Datasheet HTML 7Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 8Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 9Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 10Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 11Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 12Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 13Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 14Page - Exar Corporation XRT91L32IQ-F Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
xr
XRT91L32
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
9
POWER AND GROUND
CAP1P
CAP2P
Analog
-
63
66
CDR Non-Inverting External Feeback Capacitor
C1 = 0.47
μF ± 10% tolerance
(Isolate from noise and place close to pin)
CAP1N
CAP2N
Analog
-
64
65
CDR Inverting External Feeback Capacitor
C2 = 0.47
μF ± 10% tolerance
(Isolate from noise and place close to pin)
DLOSDIS
LVTTL
I
17
LOS (Los of Signal) Detect Disable
Disables internal LOS monitoring and automatic muting of
RXDO[7:0] upon LOS detection (according to gating shown in
Figure 7.) LOS is declared when a string of 128 consecutive
zeros occur on the line. LOS condition is cleared when the 16
or more pulse transitions is detected for 128 bit period sliding
window.
"Low" = Monitor and Mute received data upon LOS declaration
"High" = Disable internal LOS monitoring (see Figure 7 for logic
operation.)
LOSEXT
SE-LVPECL
I
53
LOS or Signal Detect Input from Optical Module
Active "Low." When active, this pin can force the received data
output bus RXDO[7:0] to a logic state of ’0’ per Figure 7.
"Low" = Forced LOS
"High" = Normal Operation
NAME
TYPE
PIN
DESCRIPTION
VDD3.3
PWR
2,28,31,49,54,58,76,99
3.3V CMOS Power Supply
VDD3.3 should be isolated from the analog VDD power supplies.
Use a ferrite bead along with an internal power plane separation.
The VDD3.3 power supply pins should have bypass capacitors to
the nearest ground. For best results, refer to Application notes
about general board layout guidelines.
AVDD3.3_TX
PWR
62
Analog 3.3V Transmitter Power Supply
AVDD3.3_TX should be isolated from the digital power supplies.
For best results, use a ferrite bead along with an internal power
plane separation. The AVDD3.3_TX power supply pins should
have bypass capacitors to the nearest ground.
AVDD3.3_RX
PWR
67,,68,69
Analog 3.3V Receiver Power Supply
AVDD3.3_RX should be isolated from the digital power supplies.
For best results, use a ferrite bead along with an internal power
plane separation. The AVDD3.3_RX power supply pins should
have bypass capacitors to the nearest ground.
VDD_LVPECL
PWR
9,15,21
3.3V Input/Output LVPECL Bus Power Supply
These pins require a 3.3V potential voltage for properly biasing
the Differential LVPECL input and output pins.
AGND_TX
PWR
59,60
Transmitter Analog Ground for 3.3V Analog Power Supplies
It is recommended that all ground pins of this device be tied
together.
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L32IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L32IQ-F EXAR-XRT91L32IQ-F Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results

Similar Description - XRT91L32IQ-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
M/A-COM Technology Solu...
29704-EVMD-001-C MA-COM-29704-EVMD-001-C Datasheet
2Mb / 55P
   OptiPHY-F155 STS-3/STM-1 SONET/SDH ATM/POS Framer
logo
Exar Corporation
XRT91L34 EXAR-XRT91L34 Datasheet
421Kb / 38P
   QUAD CHANNEL MULTIRATE STS-12/3/1 AND STM-4/1/0 SONET/SDH CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com