Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM5510C4.2ST34R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM5510C4.2ST34R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5510C4.2ST34R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM5510C4.2ST34R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5510C4.2ST34R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SOT-23
XXVYW
SOT-89
1
2
3
GM5510T
VVAYWW
V
OUT
V
SS
V
IN
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
2
T
= Output Config. (C = CMOS, N = N ch. Open Drain)
V V
= Detect Voltage (27=2.7V, 30 = 3.0V)
A
= Assembly Location
Y
= Year
WW
= Weekly
XX
= Device Code ( GA= GM5510N, GB= GM5510C)
V
= Detect Voltage (Refer to "Voltage Suffix")
Y
= Year
WW
= Weekly
V
SS
V
IN
V
OUT
1
2
3
* For detail Ordering Number identification, please see last page.
SOT-343 (SSOT-24)
XXV
V
SS
V
IN
V
OUT
1
2
4
3
NC
ORDERING INFORMATION
Ordering Number
Package
Shipping
GM5510C-1.8ST23R
GM5510C-1.8ST34R
GM5510C-1.8ST89R
GM5510C-3.0ST23R
GM5510C-3.3ST34R
GM5510C-3.0ST89R
GM5510C-4.0ST23R
GM5510C-4.0ST34R
GM5510C-4.0ST89R
GM5510C-4.2ST23R
GM5510C-4.2ST34R
GM5510C-4.2ST89R
SOT-23
SOT-23
SOT-23
SOT-23
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
GM5510C-2.7ST23R
GM5510C-2.0ST23R
GM5510C-2.7ST34R
GM5510C-2.7ST89R
GM5510C-2.0ST34R
GM5510C-2.0ST89R
GM5510C-3.6ST23R
GM5510C-3.6ST34R
GM5510C-3.6ST89R
GM5510C-4.1ST23R
GM5510C-4.1ST34R
GM5510C-4.1ST89R
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
Output Config.
Detect Voltage
Voltage
Suffix: V
CMOS
CMOS
CMOS
1.8V
1.8V
1.8V
C
CMOS
CMOS
CMOS
CMOS
CMOS
CMOS
2.7V
2.0V
2.7V
2.7V
2.0V
2.0V
K
E
CMOS
CMOS
CMOS
3.0V
3.3V
3.0V
N
CMOS
CMOS
CMOS
3.6V
3.6V
3.6V
T
CMOS
CMOS
CMOS
4.0V
4.0V
4.0V
X
CMOS
CMOS
CMOS
4.1V
4.1V
4.1V
Y
CMOS
CMOS
CMOS
4.2V
4.2V
4.2V
Z
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
SOT-23
SOT-23
SOT-23
SOT-23
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
GM5510C-2.9ST34R
GM5510C-2.9ST89R
CMOS
CMOS
2.9V
2.9V
SOT-343
SOT-89
3,000 Units/ Tape & Reel
1,000 Units/ Tape & Reel
GM5510C-2.9ST23R
CMOS
2.9V
M
3,000 Units/ Tape & Reel
SOT-23
C
K
E
Q
T
X
Y
Z
M
GM5510C-3.3ST89R
1,000 Units/ Tape & Reel
CMOS
3.3V
SOT-89
GM5510C-3.0ST34R
3,000 Units/ Tape & Reel
CMOS
3.0V
SOT-343
N
GM5510C-3.3ST23R
CMOS
3.3V
Q
3,000 Units/ Tape & Reel
SOT-23


Similar Part No. - GM5510C4.2ST34R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23RG GAMMA-GM5510C-1.8ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST89R GAMMA-GM5510C-1.8ST89R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST89RG GAMMA-GM5510C-1.8ST89RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-2.0ST23R GAMMA-GM5510C-2.0ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5510C4.2ST34R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5511 GAMMA-GM5511 Datasheet
293Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com