Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L80 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT91L80
Description  2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L80 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT91L80 Datasheet HTML 4Page - Exar Corporation XRT91L80 Datasheet HTML 5Page - Exar Corporation XRT91L80 Datasheet HTML 6Page - Exar Corporation XRT91L80 Datasheet HTML 7Page - Exar Corporation XRT91L80 Datasheet HTML 8Page - Exar Corporation XRT91L80 Datasheet HTML 9Page - Exar Corporation XRT91L80 Datasheet HTML 10Page - Exar Corporation XRT91L80 Datasheet HTML 11Page - Exar Corporation XRT91L80 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
XRT91L80
PRELIMINARY
xr
xr
xr
xr
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
REV. P1.1.0
6
LOOPTM_JA
LVTTL,
LVCMOS
I
C6
Loop Timing Mode With Jitter Attenuation
The LOOPTM_JA pin must be set "High" in order to select the
recovered receive clock as the reference source for the de-jitter
PLL.
"Low" = Disabled
"High" = Loop timing with de-jitter PLL Activated
This pin is provided with an internal pull-down.
LOOPTM_NOJA
LVTTL,
LVCMOS
I
P2
Loop Timing Mode With No Jitter Attenuation
When the loop timing mode is activated, the external local refer-
ence clock input to the CMU is replaced with the 1/16th or 1/
32nd of the high-speed recovered receive clock coming from
the CDR.
"Low" = Disabled
"High" = Loop timing Activated
This pin is provided with an internal pull-down.
TRANSMITTER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION
TXDI0P
TXDI0N
TXDI1P
TXDI1N
TXDI2P
TXDI2N
TXDI3P
TXDI3N
LVDS
I
H13
J13
K14
L14
K13
L13
M14
N14
Transmit Parallel Data Input
The 622.08 Mbps 4-bit parallel transmit data input should be
applied to the transmit parallel bus simultaneously to be sam-
pled at the rising edge of the TXPCLKIP/N input. The 4-bit par-
allel interface is multiplexed into the transmit serial output
interface MSB first (TXDI3P/N).
NOTE: The XRT91L80 can accept 666.51 Mbps 4-bit parallel
transmit data input for Forward Error Correction (FEC)
Applications.
TXPCLKIP
TXPCLKIN
LVDS
I
H14
J14
Transmit Parallel Clock Input
622.08 MHz clock input used to sample the 4-bit parallel trans-
mit data input TXDI[3:0]P/N.
NOTE: The XRT91L80 can accept a 666.51 MHz transmit clock
input for Forward Error Correction (FEC) Applications.
TXOP
TXON
CMLDIFF
O
K1
L1
Transmit Serial Data Output
The transmit serial data output stream is generated by multi-
plexing the 4-bit parallel transmit data input into a 2.488 Gbps
serial data output stream. In Forward Error Correction, the
transmit serial data output stream is 2.666 Gbps.
REFCLKP
REFCLKN
LVPECL
I
P6
N6
Reference Clock Input
This differential clock input reference is used for the transmit
clock multiplier unit (CMU) to provide the necessary high-speed
clock reference for this device. Pin ALTFREQSEL determines
the value used as the reference. See Pin ALTFREQSEL for
more details.
VCXO_INP
VCXO_INN
LVPECL
I
P4
N4
Voltage Controled Oscillator Input
This differential clock input is used for the transmit PLL jitter
attenuation. Pin ALTFREQSEL determines the value used as
the reference. See Pin ALTFREQSEL for more details.
HARDWARE COMMON CONTROL
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80IB EXAR-XRT91L80IB Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L80

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com