Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L80IB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT91L80IB
Description  2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L80IB Datasheet(HTML) 2 Page - Exar Corporation

  XRT91L80IB Datasheet HTML 1Page - Exar Corporation XRT91L80IB Datasheet HTML 2Page - Exar Corporation XRT91L80IB Datasheet HTML 3Page - Exar Corporation XRT91L80IB Datasheet HTML 4Page - Exar Corporation XRT91L80IB Datasheet HTML 5Page - Exar Corporation XRT91L80IB Datasheet HTML 6Page - Exar Corporation XRT91L80IB Datasheet HTML 7Page - Exar Corporation XRT91L80IB Datasheet HTML 8Page - Exar Corporation XRT91L80IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
XRT91L80
PRELIMINARY
xr
xr
xr
xr
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
REV. P1.1.0
2
FEATURES
2.488 / 2.666 Gbps Transceiver
Targeted for SONET OC-48/SDH STM-16 Applications
Selectable full duplex operation between standard rate of 2.488 Gbps or Forward Error Correction rate of
2.666 Gbps
Single-chip fully integrated solution containing parallel-to-serial converter, clock multiplier unit (CMU), serial-
to-parallel converter, and clock data recovery (CDR) functions
4-bit LVDS signaling data paths running at 622.08/666.51 Mbps compliant with OIF SFI-4 Implimentation
Agreement
Non-FEC and FEC rate REFCLKP/N single reference input port
Supports 77.76/83.31 MHz or 155.52/166.63 MHz transmit and receive external reference input port
Optional VCXO input port support multiple de-jittering modes
On-chip phase detector and charge pump for external VCXO based de-jittering PLL
Internal FIFO decouples transmit parallel clock input and transmit parallel clock output
Provides Local, Remote Serial, Remote Parallel and Split Loopback modes as well as Loop Timing mode
Diagnostics features include various lock detect functions and transmit CMU and receive CDR Lock Detect
Host mode serial microprocessor interface simplifies monitor and control
Meets Telcordia, ANSI and ITU-T jitter requirements including T1.105.03 - 2002 SONET Jitter Tolerance
specification, GR-253 CORE, GR-253 ILR SONET Jitter specifications.
Operates at 1.8V CMOS and CML with 3.3V I/O
490mW Typical Power Dissipation
Package: 12 x 12 mm 196-pin STBGA
IEEE 1149.1 Compatable JTAG port
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT91L80IB
196 STBGA
-40°C to +85°C


Similar Part No. - XRT91L80IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80IB EXAR-XRT91L80IB Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L80IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com