Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT91L80IB Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT91L80IB
Description  2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L80IB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT91L80IB Datasheet HTML 5Page - Exar Corporation XRT91L80IB Datasheet HTML 6Page - Exar Corporation XRT91L80IB Datasheet HTML 7Page - Exar Corporation XRT91L80IB Datasheet HTML 8Page - Exar Corporation XRT91L80IB Datasheet HTML 9Page - Exar Corporation XRT91L80IB Datasheet HTML 10Page - Exar Corporation XRT91L80IB Datasheet HTML 11Page - Exar Corporation XRT91L80IB Datasheet HTML 12Page - Exar Corporation XRT91L80IB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
xr
xr
xr
xr
PRELIMINARY
XRT91L80
REV. P1.1.0
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
7
ALTFREQSEL
LVTTL,
LVCMOS
I
P1
Reference Clock Frequency Select
This pin is used to select the frequency of the REFCLKP/N
clock input to the CMU.
"Low" = 77.76 MHz (83.31 MHz for FEC)
"High" = 155.52 MHz (166.63 MHz for FEC)
This pin is provided with an internal pull-up.
VCXO_SEL
LVTTL,
LVCMOS
I
M6
De-Jitter VCXO Select Option
This pin selects either the normal REFCLKP/N or the de-jitter
VCXO_INP/N pin as a reference clock to the CMU.
"Low" = Normal REFCLKP/N reference clock
"High" = De-Jitter VCXO_INP/N reference clock
This pin is provided with an internal pull-down.
VCXO_LOCK
LVCMOS
O
N8
De-Jitter PLL Lock Detect
If the de-jitter PLL lock detect is enabled with pin P3 and the de-
jitter VCXO mode is selected by pin M6, this pin will assert
"High" when the PLL is locked.
"Low" = VCXO Out of Lock
"High" = VCXO Locked
VCXO_LOCKEN
LVTTL,
LVCMOS
I
P3
De-Jitter PLL Lock Detect Enable
This pin enables the VCXO_INP/N lock detect circuit and
VCXO_LOCK pin N8 to be active.
"Low" = VCXO Lock Detect Disabled
"High" = VCXO Lock Detect Enabled
This pin is provided with an internal pull-down.
CPOUT
-
O
P8
Charge Pump Output (for external VCXO)
The nominal output of the charge pump current is 250
µA
LOOPBW
LVTTL,
LVCMOS
I
M7
CMU Loop Bandwidth Select
This pin is used to select the bandwidth of the clock multiplier
unit of the transmit path to a narrow or wide band. Use Wide
Band for clean reference signals and Narrow Band for noisy ref-
erences.
"Low" = Wide Band (4x)
"High" = Narrow Band (1x)
This pin is provided with an internal pull-down.
TXPCLKOP
TXPCLKON
LVDS
O
P10
P11
Transmit Parallel Clock Output
This 622.08 MHz clock can be used for the downstream device
to generate the TXDI[3:0]P/N data and TXPCLKIP/N clock
input. This enables the downstream device and the STS-48/
STM-16 transceiver to be in synchronization.
NOTE: The XRT91L80 can output a 666.51 MHz transmit clock
output for Forward Error Correction (FEC).
TRANSMITTER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION


Similar Part No. - XRT91L80IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L80IB EXAR-XRT91L80IB Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - XRT91L80IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8151 VITESSE-VSC8151 Datasheet
471Kb / 30P
   2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com