Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT6164A Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT6164A
Description  Digital Line Interface Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164A Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT6164A Datasheet HTML 2Page - Exar Corporation XRT6164A Datasheet HTML 3Page - Exar Corporation XRT6164A Datasheet HTML 4Page - Exar Corporation XRT6164A Datasheet HTML 5Page - Exar Corporation XRT6164A Datasheet HTML 6Page - Exar Corporation XRT6164A Datasheet HTML 7Page - Exar Corporation XRT6164A Datasheet HTML 8Page - Exar Corporation XRT6164A Datasheet HTML 9Page - Exar Corporation XRT6164A Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
XRT6164A
8
Rev. 3.0.0
16 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 1.00
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.145
0.210 3.68
5.33
A 1
0.015
0.070 0.38
1.78
A 2
0.115
0.195 2.92
4.95
B
0.014
0.024 0.36
0.56
B 1
0.030
0.070 0.76
1.78
C
0.008
0.014 0.20
0.38
D
0.745
0.840 18.92
21.34
E
0.300
0.325 7.62
8.26
E 1
0.240
0.280 6.10
7.11
e
0.100 BSC
2.54 BSC
e A
0.300 BSC
7.62 BSC
e B
0.310
0.430 7.87
10.92
L
0.115
0.160 2.92
4.06
α
15°
15°
Note: The control dimension is the inch column


Similar Part No. - XRT6164A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164AID EXAR-XRT6164AID Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164AIP EXAR-XRT6164AIP Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
More results

Similar Description - XRT6164A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
   Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
   Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164 Datasheet
495Kb / 10P
   Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
   Digital Line Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
   Digital Line to POTS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com