Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM11171.8TC3T Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM11171.8TC3T
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM11171.8TC3T Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM11171.8TC3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM11171.8TC3T Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
APPLICATION INFORMATION
GM1117 linear regulators provide fixed and adjustable
output voltages at currents up to 1.0A. These regula-
tors are protected against overcurrent conditions and in-
clude thermal shutdown protection. The GM1117's
have a composite PNP-NPN output transistor and re-
quire an output capacitor for stability. A detailed proce-
dure for selecting this capacitor follows.
Adjustable Operation
The GM1117 has an output voltage range of 1.25 V to
5.5 V. An external resistor divider sets the output volt-
age as shown in Figure 1. The regulator maintains a
fixed 1.25V (typical) reference between the output pin
and the adjust pin.
A resistor divider network R1 and R2 causes a
fixed current to flow to ground. This current
creates a voltage across R2 that adds to the 1.25 V
across R1 and sets the overall output voltage. The
adjust pin current (typically 50 µA) also flows
through R2 and adds a small error that should be
taken into account if precise adjustment of V
is
OUT
necessary.
The output voltage is set according to the formula:
The term IAdj × R2 represents the error added by the
adjust pin current.
R1 is chosen so that the minimum load current is at
least 2.0 mA. R1 and R2 should be the same type,
e.g. metal film for best tracking over temperature.
While not required, a bypass capacitor from the
adjust pin to ground will improve ripple rejection
and transient response. A 0.1 µF tantalum
capacitor is recommended for “first cut” design.
Type and value may be varied to obtain optimum
performance vs. price.
Stability Considerations
The output compensation capacitor helps to deter-
mine three main characteristics of a linear regula-
tor's performance: start-up delay, load transient re-
sponse, and loop stability. The capacitor value and
type is based on cost, availability, size and tempera-
ture constraints. A tantalum or aluminum electrolytic
capacitor is preferred, as a film or ceramic capacitor
with almost zero ESR can cause instability. An alu-
minum electrolytic capacitor is the least expensive
type, but when the circuit operates at low tempera-
tures, both the value and ESR of the capacitor will
vary widely. For optimum performance over the full
operating temperature range, a tantalum capacitor is
best. A 22µF tantalum capacitor will work fine in
most applications, but with high current regulators
such as the GM1117 higher capacitance values will
improve the transient response and stability. Most ap-
plications for the GM1117's involve large changes in
load current, so the output capacitor must supply in-
stantaneous load current. The ESR of the output ca-
pacitor causes an immediate drop in output voltage
given by:
In microprocessor applications an output capacitor
network of several tantalum and ceramic capacitors
in parallel is commonly used. This reduces overall
ESR and minimizes the instantaneous output volt-
age drop under transient load conditions. The output
capacitor network should be placed as close to the
load as possible for the best results.
Used with large output capacitance values and the
input voltage is instantaneously shorted to ground,
damage can occur. In this case, a diode connected
as shown above in Figure 1.
6
V
= V
X (
) + I
X R2
OUT
REF
Adj
R1 + R2
R1
DV = I x ESR
D
VREF
IAdj
CAdj
R1
R2
C2
C1
VIN
VOUT
VIN
VOUT
Adj
GM1117
Figure 1. Resistor Divider Scheme
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM11171.8TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM11171.8TC3T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com