Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295AE Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT7295AE
Description  E3 (34.368Mbps) Integrated line Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AE Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT7295AE_03 Datasheet HTML 7Page - Exar Corporation XRT7295AE_03 Datasheet HTML 8Page - Exar Corporation XRT7295AE_03 Datasheet HTML 9Page - Exar Corporation XRT7295AE_03 Datasheet HTML 10Page - Exar Corporation XRT7295AE_03 Datasheet HTML 11Page - Exar Corporation XRT7295AE_03 Datasheet HTML 12Page - Exar Corporation XRT7295AE_03 Datasheet HTML 13Page - Exar Corporation XRT7295AE_03 Datasheet HTML 14Page - Exar Corporation XRT7295AE_03 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
XRT7295AE
11
Rev. 2.0.0
Note:
1
Recommended shield beads are the Fair-Rite
2643000101 or the Fair-Rite 2743019446 (surface
mount).
Figure 8. Recommended Power Supply
Bypassing Network
Receive Input
The connections to the receive input pin, RIN, must be
carefully considered. Noise-coupling must be mini-
mized along the path from the signal entering the board
to the input pin. Any noise coupled into the
XRT7295AE input directly degrades the signal-to-
noise ratio of the input signal.
PLL Filter Capacitor
The PLL filter capacitor between pins LPF1 and LPF2
must be placed as close to the chip as possible. The
LPF1 and LPF 2 pins are adjacent, allowing for short
lead lengths with no crossovers to the external capaci-
tor. Noise-coupling into the LPF1 and LPF2 pins may
degrade PLL performance.
Handling Precautions
Although protection circuitry has been design into this
device, proper precautions should be taken to avoid
exposure to Electrostatic Discharge (ESD) during han-
dling and mounting.
COMPLIANCE SPECIFICATIONS
Compliance with CCITT Recommendations G.703,
G.775, and G.824, 1988.


Similar Part No. - XRT7295AE_03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
More results

Similar Description - XRT7295AE_03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
M/A-COM Technology Solu...
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
   6-Port DS3/E3/STS-1 Integrated Line Termination
logo
NTE Electronics
NTE2632 NTE-NTE2632 Datasheet
25Kb / 3P
   Integrated Circuit Quad Differential Line Receiver
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A Datasheet
502Kb / 2P
   12-Port DS3/E3/STS-1 Electrical Integrated Line
logo
Exar Corporation
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com