Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295AEIW Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT7295AEIW
Description  E3 (34.368Mbps) Integrated line Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295AEIW Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT7295AEIW Datasheet HTML 3Page - Exar Corporation XRT7295AEIW Datasheet HTML 4Page - Exar Corporation XRT7295AEIW Datasheet HTML 5Page - Exar Corporation XRT7295AEIW Datasheet HTML 6Page - Exar Corporation XRT7295AEIW Datasheet HTML 7Page - Exar Corporation XRT7295AEIW Datasheet HTML 8Page - Exar Corporation XRT7295AEIW Datasheet HTML 9Page - Exar Corporation XRT7295AEIW Datasheet HTML 10Page - Exar Corporation XRT7295AEIW Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XRT7295AE
7
Rev. 2.0.0
internally generated jitter is a function of the PLL
bandwidth, which in turn is a function of the input 1s
density. For higher 1s densities, the amount of gener-
ated jitter decreases. Generated jitter also depends on
the quality of the power supply bypassing networks
used. Figure 8 shows the suggested bypassing net-
work, and Table 3 lists the typical generated jitter
performance achievable with this network.
Figure 4. Pulse Mask at the 34.368 Mbit/s Interface
Parameter
Value
Pulse Shape (Nominally Rectangular)
All marks of a valid signal must conform with the mask
(see Figure 4), irrespective of the sign
Pair(s) in Each Direction
One coaxial pair
Test Load Impedance
75
Ω Resistive
Nominal Peak Voltage of a Mark (Pulse)
1.0V
Peak Voltage of a Space (No Pulse)
0V +/-0.1V
Nominal Pulse Width
14.55ns
Ratio of the Amplitudes of Positive and Negative Pulses
0.95 to 1.05
at the Center of a Pulse Interval
Ratio of the Widths of Positive and Negative Pulses
0.95 to 1.05
at the Nominal Half Amplitude
Table 2. E3 Pulse Specification at the Transmitter Output Port


Similar Part No. - XRT7295AEIW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AEIW EXAR-XRT7295AEIW Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
More results

Similar Description - XRT7295AEIW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
   DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
M/A-COM Technology Solu...
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
   6-Port DS3/E3/STS-1 Integrated Line Termination
logo
NTE Electronics
NTE2632 NTE-NTE2632 Datasheet
25Kb / 3P
   Integrated Circuit Quad Differential Line Receiver
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A Datasheet
502Kb / 2P
   12-Port DS3/E3/STS-1 Electrical Integrated Line
logo
Exar Corporation
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com