Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM15NB3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZM15NB3
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM15NB3 Datasheet(HTML) 4 Page - NXP Semiconductors

  PZM15NB3 Datasheet HTML 1Page - NXP Semiconductors PZM15NB3 Datasheet HTML 2Page - NXP Semiconductors PZM15NB3 Datasheet HTML 3Page - NXP Semiconductors PZM15NB3 Datasheet HTML 4Page - NXP Semiconductors PZM15NB3 Datasheet HTML 5Page - NXP Semiconductors PZM15NB3 Datasheet HTML 6Page - NXP Semiconductors PZM15NB3 Datasheet HTML 7Page - NXP Semiconductors PZM15NB3 Datasheet HTML 8Page - NXP Semiconductors PZM15NB3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jan 28
4
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
IR
reverse current
PZM18N
VR = 13.0 V
70
nA
PZM20N
VR = 15.0 V
70
nA
PZM22N
VR = 17.0 V
70
nA
PZM24N
VR = 19.0 V
70
nA
PZM27N
VR = 21.0 V
70
nA
PZM30N
VR = 23.0 V
70
nA
PZM33N
VR = 25.0 V
70
nA
PZM36N
VR = 27.0 V
70
nA
PZM39N
VR = 0.7 VZnom
50
nA
PZM43N
VR = 0.7 VZnom
50
nA
PZM47N
VR = 0.7 VZnom
50
nA
PZM51N
VR = 0.7 VZnom
50
nA
PZM56N
VR = 0.7 VZnom
50
nA
PZM62N
VR = 0.7 VZnom
50
nA
PZM68N
VR = 0.7 VZnom
50
nA
PZM75N
VR = 0.7 VZnom
50
nA
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - PZM15NB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM15NB2A PHILIPS-PZM15NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM15NB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com