Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8000 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT8000
Description  Clock Synchronizer/Adapter for Communications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT8000 Datasheet HTML 5Page - Exar Corporation XRT8000 Datasheet HTML 6Page - Exar Corporation XRT8000 Datasheet HTML 7Page - Exar Corporation XRT8000 Datasheet HTML 8Page - Exar Corporation XRT8000 Datasheet HTML 9Page - Exar Corporation XRT8000 Datasheet HTML 10Page - Exar Corporation XRT8000 Datasheet HTML 11Page - Exar Corporation XRT8000 Datasheet HTML 12Page - Exar Corporation XRT8000 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
XRT8000
9
Rev. 1.11
CR1 Register (Power On State = “00000”)
D0 (PL1EN):
Enable control for PLL1. If PL1EN = “1”, then PLL1 is
enabled. Otherwise, if PL1EN = “0”, then PLL1 is
disabled.
D1~D4 (IOC1~IOC4):
These four bit-fields function as the control bits for PLL1
and PLL2 operation modes. These bits select
FORWARD, REVERSE, DATA, Kx56 or Kx64 clock rates.
Multiplier “K” in Kx56 and Kx64 refers to harmonics of
56kHz or 64kHz clocks, this notation is extended to
1,544kHz and 2,048kHz frequencies in the following
table (Table 2).
Note:
The value of “K” for PLL1 and PLL2 are independent of
each other.
Table 2
Table 2 creates the values of D1 through D4 within the
CRI command register to the operating mode of the
XRT8000 device.
IOC4
IOC3
IOC2
IOC1
Input Freq.
[kHz]
PLL1 Output
[kHz]
PLL2 Output
[kHz]
Mode
0
0
0
0
nx1544
Kx56
Kx56
Forward
0
0
0
1
nx1544
Kx56
Kx64
Forward
0
0
1
0
nx1544
Kx64
Kx64
Forward
0
0
1
1
nx1544
Kx56
DATA
Forward
0
1
0
0
nx1544
Kx64
DATA
Forward
0
1
0
1
nx1544
DATA
DATA
Forward
0
1
1
0
56
1544
1544
Reverse
0
1
1
1
8K
1544
2048
Reverse
1
0
0
0
nx2048
Kx56
Kx56
Forward
1
0
0
1
nx2048
Kx56
Kx64
Forward
1
0
1
0
nx2048
Kx64
Kx64
Forward
1
0
1
1
nx2048
Kx56
DATA
Forward
1
1
0
0
nx2048
Kx64
DATA
Forward
1
1
0
1
nx2048
DATA
DATA
Forward
1
1
1
0
8
1544
2048
Reverse
1
1
1
1
64
2048
2048
Reverse
Table 2. Operation Mode/Output Clock Frequency Select Options
Via the D1 Through D4 Bits within the CRI Register
Note:
1
The values of “n” are selected via the M1 through M4 bits, within the CR2 Register (see Table 3).
2
The values of “k” are selected via the Sel14 through SelP bits within the CR3 Register (see Table 4).


Similar Part No. - XRT8000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Texas Instruments
LMK5C33216 TI-LMK5C33216 Datasheet
3Mb / 93P
[Old version datasheet]   LMK5C33216 Ultra-Low Jitter Clock Synchronizer with JESD204B for Wireless Communications with BAW
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
   CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
   CLOCK SYNCHRONIZER AND MULTIPLIER
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Data Delay Devices, Inc...
3D6701 DATADELAY-3D6701 Datasheet
330Kb / 4P
   MONOLITHIC CLOCK SYNCHRONIZER (SERIES 3D6701)
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
   Dual DPLL Digitized Clock Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com