Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT8000ID Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT8000ID
Description  Clock Synchronizer/Adapter for Communications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000ID Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT8000ID Datasheet HTML 2Page - Exar Corporation XRT8000ID Datasheet HTML 3Page - Exar Corporation XRT8000ID Datasheet HTML 4Page - Exar Corporation XRT8000ID Datasheet HTML 5Page - Exar Corporation XRT8000ID Datasheet HTML 6Page - Exar Corporation XRT8000ID Datasheet HTML 7Page - Exar Corporation XRT8000ID Datasheet HTML 8Page - Exar Corporation XRT8000ID Datasheet HTML 9Page - Exar Corporation XRT8000ID Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
XRT8000
6
Rev. 1.11
AC ELECTRICAL CHARACTERISTICS (See Figure 5).
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
AC Electrical Characteristics (See Figure 5)
T21
CSB to SCLK Setup Time
50
ns
T22
SCLK to CSB Hold Time
20
ns
T23
SDI to SCLK Setup Time
50
ns
T24
SCLK to SDI Hold Time
50
ns
T25
SCLK Low Time
240
ns
T26
SCLK High Time
240
ns
T27
SCLK Period
500
ns
T28
SCLK to CSB Hold Time
50
ns
T29
CSB Inactive Time
250
ns
T30
SCLK to SDO Valid
200
ns
T31
SCLK to SDOx Delay
100
ns
T32
SCLK Edge or CSB Edge to
SDO HZ
100
ns
T33
Rise/Fall Time SDO Output
40
ns
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Supply Range
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at Any Pin
GND0.3V to Vcc +0.3V
. . . . . . . . .
Operating Temperature
40°C to +85°C
. . . . . . . . . . . .
Storage Temperature
40°C to +150°C
. . . . . . . . . . . . .
Package Dissipation
500mW
. . . . . . . . . . . . . . . . . . . .
FIN
CLK1 or CLK2
SYNC
T1
T3
T4
T5
T9
T10
T12
T7
T13
Figure 3. Clocks Timing
T2
T2
T14


Similar Part No. - XRT8000ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8000ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Texas Instruments
LMK5C33216 TI-LMK5C33216 Datasheet
3Mb / 93P
[Old version datasheet]   LMK5C33216 Ultra-Low Jitter Clock Synchronizer with JESD204B for Wireless Communications with BAW
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
   CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
   CLOCK SYNCHRONIZER AND MULTIPLIER
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Data Delay Devices, Inc...
3D6701 DATADELAY-3D6701 Datasheet
330Kb / 4P
   MONOLITHIC CLOCK SYNCHRONIZER (SERIES 3D6701)
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
   Dual DPLL Digitized Clock Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com