Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM62515.0ST25RL Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM62515.0ST25RL
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM62515.0ST25RL Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM62515.0ST25RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM62515.0ST25RL Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DIRECTIONS FOR USAGE
Notes on Usage
1. Please use this IC within the stipulated absolute maximum ratings as the IC is liable to malfunction
outside of such parameters.
2. There is a possibility theat, oscillation may occur as a result of the impedance present between the
power supply and the IC's input. Where impedance is 10W or more, please use a capacitor (C )
IN
of at least 1µF.
With a large output current, operations can be stabilised by increasing capacitor size (C ). If C
is
IN
IN
small and capacitor size (C ) is increased, there is a possibility of oscillation due to input impedance.
L
In such cases, operations can be stabilised by either increasing the size of C
or decreasing the size
IN
of C .
L
3. Please ensure the output current (I
) is less than Pd ÷ (V
- V
) and does not exceed the
OUT
IN
OUT
stipulated continuous total power dissipation value (Pd) for the package.
GM6251
VIN
VO
VSS
VIN
Open
Circuit 1
TEST CIRCUIT
Circuit 2
GM6251
VIN
VO
VSS
+
+
VIN
R
L
1µF
(Tantalum)
1µF
(Tantalum)
V
A
A
8


Similar Part No. - GM62515.0ST25RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM62515.0ST25RL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com