Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM62515.0T92RL Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM62515.0T92RL
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM62515.0T92RL Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM62515.0T92RL Datasheet HTML 1Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 2Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM62515.0T92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS(TOP VIEW)
2
SOT-89
1
2
3
GM6251
VVAYWW
TO-92
6251
VV
AYWW
1
2 3
1. VOUT
2. VSS
3. VIN
VOUT VSS
VIN
XXVYW
1
3
2
5
4
V
IN
V
SS
NC
VOUT
NC
SOT-25(SOT-23-5)
XX
= Marking Code
V
= Voltage Code
VV
= Voltage Suffix (18=1.8V ,50=5.0V)
A
= Assembly Location
Y
= Year
WW, W= Weekly
(FA = GM6251)
Package
Shipping
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-89
SOT-89
SOT-89
SOT-89
SOT-89
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
Ordering Number
GM6251-1.8ST25R
GM6251-2.5ST25R
GM6251-2.7ST25R
GM6251-2.8ST25R
GM6251-3.0ST25R
GM6251-1.8ST89R
GM6251-2.5ST89R
GM6251-2.7ST89R
GM6251-2.8ST89R
GM6251-3.0ST89R
Output Voltage
ORDERING INFORMATION
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
1,000 Units/ ESD Bag
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
GM6251-1.8T92B
GM6251-2.5T92B
GM6251-2.7T92B
GM6251-2.8T92B
GM6251-3.0T92B
GM6251-1.8T92RL
GM6251-2.5T92RL
GM6251-2.7T92RL
GM6251-2.8T92RL
GM6251-3.0T92RL
1.8V
1.8V
2.5V
2.5V
2.5V
2.5V
2.7V
2.7V
2.7V
2.7V
2.8V
2.8V
2.8V
2.8V
3.0V
3.0V
3.0V
3.0V
1.8V
1.8V
Voltage Code
E
G
T
H
J
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
* For detail Ordering Number identification, please see last page.


Similar Part No. - GM62515.0T92RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM62515.0T92RL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com