Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA4951WP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA4951WP
Description  Memory controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4951WP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA4951WP Datasheet HTML 7Page - NXP Semiconductors SAA4951WP Datasheet HTML 8Page - NXP Semiconductors SAA4951WP Datasheet HTML 9Page - NXP Semiconductors SAA4951WP Datasheet HTML 10Page - NXP Semiconductors SAA4951WP Datasheet HTML 11Page - NXP Semiconductors SAA4951WP Datasheet HTML 12Page - NXP Semiconductors SAA4951WP Datasheet HTML 13Page - NXP Semiconductors SAA4951WP Datasheet HTML 14Page - NXP Semiconductors SAA4951WP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
April 1994
11
Philips Semiconductors
Preliminary specification
Memory controller
SAA4951
Table 3
Mode registers.
REGISTER
BIT
NAME
REMARKS
MODE0
0 (LSB)
FSA0
frequency select acquisition bit 0
1
FSA1
frequency select acquisition bit 1
2
FSD0
frequency select display bit 0
3
FSD1
frequency select display bit 1
FSA1
FSA0
acquisition frequency
0
0
12.0 MHz
0
1
13.5 MHz
1
0
16.0 MHz
1
1
18.0 MHz
FSD1
FSD0
display frequency
0
0
27.0 MHz
0
1
27.0 MHz
1
0
32.0 MHz
1
1
36.0 MHz
4
FORMAT0
control bit 0 for data format
MODE0
5
FORMAT1
control bit 1 for data format
FORMAT1
FORMAT0
Y:U:V data rate
0
0
4: 1: 1
0
1
4: 2: 2
1
0
4: 4: 4
1
1
4: 4: 4
6
HDEL0
horizontal delay control bit 0
7 (MSB)
HDEL1
horizontal delay control bit 1
the bits HDEL0, HDEL1 control the position of the internal vertical read enable
signals for RE1
HDEL1
HDEL0
0
0
2 lines earlier
0
1
1 line earlier
1
0
normal
1
1
1 line later


Similar Part No. - SAA4951WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4952WP PHILIPS-SAA4952WP Datasheet
159Kb / 32P
   Memory controller
1997 Jun 10
SAA4955 PHILIPS-SAA4955 Datasheet
188Kb / 28P
   2.9-Mbit field memory
1999 Apr 29
SAA4955TJ PHILIPS-SAA4955TJ Datasheet
188Kb / 28P
   2.9-Mbit field memory
1999 Apr 29
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
More results

Similar Description - SAA4951WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4952WP PHILIPS-SAA4952WP Datasheet
159Kb / 32P
   Memory controller
1997 Jun 10
logo
OptoSupply Internationa...
OSUBECX OPTOSUPPLY-OSUBECX Datasheet
45Kb / 2P
   Memory RGB controller
logo
Sanyo Semicon Device
LC82293 SANYO-LC82293 Datasheet
197Kb / 2P
   Image Memory Controller
logo
Advanced Micro Devices
AM2964B AMD-AM2964B Datasheet
760Kb / 14P
   Dynamic Memory Controller
Rev. C
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
   Burst Mode Memory Controller
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B_10 Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Siemens Semiconductor G...
SDA9220-5 SIEMENS-SDA9220-5 Datasheet
1Mb / 42P
   Memory Sync Controller III
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com