Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM62513.3ST89RL Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM62513.3ST89RL
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM62513.3ST89RL Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM62513.3ST89RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 10Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 11Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 12Page - Gamma Microelectronics Inc. GM62513.3ST89RL Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
SOT-89 PACKAGE OUTLINE DIMENSIONS
Pad Layout
45°
1.5
0.7
2
1
4.50 ± 0.05
Units: mm
1.650 REF
1.400 REF
4.20 ± 0.05
1.00 ± 0.07
2.5 ± 0.05
0.46 ± 0.025
3.00 ± 0.025
1.50
1.50
1.50 ± 0.05
0.38 ± 0.01
R 0.13~3X
NO DRAFT~2
R 0.1 MAX
6°~2X
6°~2X
R 0.13~2X
R 0.13~2X
Unit: mm
R 0.13~4X
SOT-25(SOT-23-5) PACKAGE OUTLINE DIMENSIONS
Pad Layout
2.9 ± 0.1
0.074
1.9
0.037
0.95
0.037
0.95
0.094
2.4
0.028
0.7
Inches
mm
(
)
1.9 ± 0.05
0.95 ± 0.038
2.8 ± 0.1
1.5 ± 0.05
0.65 ± 0.05
0.35 ± 0.03
0.13
0~0.1
0.8 ± 0.05
1.10 ± 0.1
0.039
1.0


Similar Part No. - GM62513.3ST89RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM62513.3ST89RL

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com