Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM6 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SRM6
Description  20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM6 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SRM6 Datasheet HTML 1Page - Solid States Devices, Inc SRM6 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
1
10
100
1000
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
PRELIMINARY
SOLID STATE DEVICES, INC.
Electrical Characteristics
SYMBOL
UNITS
Instantaneous Forward Voltage Drop
(IF = 20ADC, TA = 25
oC, 300
µsec min pulse)
VDC
MAXIMUM
SRM5
thru
SRM10
1.05
1.15
VF1
VF2
pF
250
CJ
µµµµµsec
5
tRR
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
Reverse Leakage Current
(Rated VR , 300µsec min pulse)
IR1
IR2
µµµµµA
2.0
500
POWER DERATING CURVE
CASE TEMPERATURE (oC)
109oC
CASE OUTLINE: AXIAL
TA = 25
oC
TA = -55
oC
TA = 25
oC
TA = 100
oC
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
FORWARD VOLTAGE ( Vf )
VOLTAGE ( V )
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
.500 MIN
.500 MIN
Ø.310 MAX
Ø.250
Ø.210
Ø.060±.003
.150
MAX
TOLERANCES:
(UNLESS OTHERWISE SPECIFIED)
.XX ±.03
.XXX ±.010


Similar Part No. - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM6 SSDI-SRM6 Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
774Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
798Kb / 4P
   Low VF Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT_V01 Datasheet
798Kb / 4P
   Low VF Schottky Rectifier
SRM60L60DC YFWDIODE-SRM60L60DC Datasheet
774Kb / 4P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
   20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
   3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
   10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
   12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
   10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
   12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557 Datasheet
36Kb / 2P
   6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR9600S10 SSDI-SDR9600S10 Datasheet
201Kb / 2P
   600 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR9800S10 SSDI-SDR9800S10 Datasheet
200Kb / 2P
   800 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com