Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP233E Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP233E
Description  High-Performance RS-232 Line Drivers/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP233E Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP233E Datasheet HTML 7Page - Sipex Corporation SP233E Datasheet HTML 8Page - Sipex Corporation SP233E Datasheet HTML 9Page - Sipex Corporation SP233E Datasheet HTML 10Page - Sipex Corporation SP233E Datasheet HTML 11Page - Sipex Corporation SP233E Datasheet HTML 12Page - Sipex Corporation SP233E Datasheet HTML 13Page - Sipex Corporation SP233E Datasheet HTML 14Page - Sipex Corporation SP233E Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
11
D
E1
E
INDEX AREA
D
2
x
2
E1
N
12
Seating Plane
A2
A
A1
b
SEE DETAIL “A”
(b)
c
WITH LEAD FINISH
BASE METAL
L1
L
Seaing Plane
Ø
2 NX R R1
DETAIL A
-
-
2.0
0.05
-
-
Dimensions in (mm)
20 PIN SSOP
JEDEC MO-150
(AE) Variation
1.65
1.75
1.85
0.22
-
0.38
0.09
-
0.25
0.55
0.75
0.95
A
A1
A2
b
c
D
E
E1
L
L1
Ø
MIN
NOM
MAX
7.40
7.80
8.20
5.00
5.30
5.60
1.25 REF
6.90
7.20
7.50
e
A
A
Section A-A
20 PIN SSOP
PACKAGE: 20 PIN SSOP


Similar Part No. - SP233E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP233E EXAR-SP233E Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP233ECP SIPEX-SP233ECP Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
SP233ECT SIPEX-SP233ECT Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP233ECT-L EXAR-SP233ECT-L Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
SP233ECT-L/TR EXAR-SP233ECT-L/TR Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP233E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
   High Performance RS-232 Line Drivers/Receivers
SP202E EXAR-SP202E Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com