Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7812V-L-TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7812V-L-TR
Description  3-Terminal Positive Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7812V-L-TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7812V-L-TR Datasheet HTML 2Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 3Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 4Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 5Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 6Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 7Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 8Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 9Page - Sipex Corporation SP7812V-L-TR Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
Date: 8/3/06 Rev F
SP78XX 3-Terminal Positive Linear Regulators
© 2006 Sipex Corporation
Typical Performance characteristics
Figure . Output Voltage vs. Junction Temperature
Figure 6. Quiescent Current vs. Junction Temperature
Figure . Peak Output Current vs. Input / Output
-20
0
20
0
60
80
00
20
0
2.7
2.8
2.
3.0
3.
3.2
3.3
3.
3.
3.6
Junction Temperature (
oC)
Differential Voltage
0
20
0
60
80
00
20
0
60
80
200
.80
.82
.8
.86
.88
.0
.2
.
.6
.8
.00
.02
.0
.06
.08
.0
SP780
Junction Temperature(
oC)
0
00
k
0k
30
3
0

0

60
6
70
7
80
Frequency (Hz)
Figure 7. Ripple Rejection vs. Frequency
2
3


6
7
8

0

2
3
0.00
0.2
0.0
0.7
.00
.2
.0
.7
2.00
2.2
2.0
2.7
S
P780
2
oC
2
oC
-0
oC
V
IN-VOUT (V)
Sipex corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 03
TEL: (08) 3-700
FAX: (08) 3-7600
ORDeRing inFORMaTiOn
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Ordering information
Part Number
Package
-
L: Lead Free and
RoHS Compliant
S
P78XX
/
TR: Tape and Reel
Blank: Tube
V: TO-220
V
2: TO-252
-
Sipex Corporation's Pb-free products, as designated with "-L" suffix in the part number, are RoHS compliant.
Output Voltage
05: 5V
12:12V
Part number
Temperature
Range
Voltage
Tolerance
Output
Voltage Package
Pin
count
Packing
Type
SP780V-L
-0ºC to +2ºC
±%
V
TO-220
3
0/TUBE
SP782V-L
-0ºC to +2ºC
±%
2V
TO-220
3
0/TUBE
SP780V2-L/TR -0ºC to +2ºC
±%
V
TO-22
3
2,00/TR
SP782V2-L/TR -0ºC to +2ºC
±%
2V
TO-22
3
2,00/TR


Similar Part No. - SP7812V-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7812V-L SIPEX-SP7812V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
More results

Similar Description - SP7812V-L-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com