Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP78L12M4-L-TR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP78L12M4-L-TR
Description  100mA 3-Terminal Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP78L12M4-L-TR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP78L12M4-L-TR Datasheet HTML 3Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 4Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 5Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 6Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 7Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 8Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 9Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 10Page - Sipex Corporation SP78L12M4-L-TR Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
Mechanical Dimensions
TO-92
Unit: mm(inch)
2.0(0.06)
2.60(0.0)
0.380(0.0)
0.0(0.022)
.600(0.063)
MAX
.270(0.00)
TYP
.00(0.03)
.00(0.0)
.00(0.73)
.700(0.8)
3.30(0.3)
MIN
0.360(0.0)
0.0(0.020)
0.000(0.000)
0.380(0.0)
PAckAge: 3 Pin TO-92


Similar Part No. - SP78L12M4-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP78L12M4-L/TR EXAR-SP78L12M4-L/TR Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results

Similar Description - SP78L12M4-L-TR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com