Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2103P Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 1 Page - RF Micro Devices

  RF2103P Datasheet HTML 1Page - RF Micro Devices RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-7
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RF IN
GND
GND
PD
VCC1
VCC2
PRE AMP PWR
RF OUT
RF OUT
GND
GND
GND
RF OUT
RF OUT
BIAS
CIRCUITS
FPA
PRE AMP
RF2103P
MEDIUM POWER LINEAR AMPLIFIER
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Driver for Higher Power Linear Applications
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems
• Base Station Equipment
The RF2103P is a medium power linear amplifier IC. The
device is manufactured on an advanced Gallium Arsenide
Heterojunction Bipolar Transistor (HBT) process, and has
been designed for use as the final linear RF amplifier in
UHF radio transmitters operating between 450MHz and
1000MHz. It may also be used as a driver amplifier in
higher power applications. The device is self-contained
with the exception of the output matching network, power
supply feed line, and bypass capacitors, and it produces
an output power level of 750mW (CW). The device can
be used in 3 cell battery applications. The maximum CW
output at 3.6V is 175mW. The unit has a total gain of
31dB, depending upon the output matching network.
• 450MHz to 1000MHz Operation
• Up to 750mW CW Output Power
• 31dB Small Signal Gain
• Single 2.7V to 7.5V Supply
• 47% Efficiency
• Digitally Controlled Power Down Mode
RF2103P
Medium Power Linear Amplifier
RF2103PPCBA-41XFully Assembled Evaluation Board
0
Rev B2 060202
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050
Package Style: SOIC-14
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2103P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
   MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA RFMD-RF2103PPCBA Datasheet
191Kb / 10P
   MEDIUM POWER LINEAR AMPLIFIER
More results

Similar Description - RF2103P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2127 RFMD-RF2127 Datasheet
63Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
   MEDIUM POWER LINEAR AMPLIFIER
RF2128 RFMD-RF2128 Datasheet
60Kb / 4P
   MEDIUM POWER LINEAR AMPLIFIER
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
   MEDIUM POWER LINEAR AMPLIFIER
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com