Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP310EET Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP310EET
Description  High-Performance RS-232 Line Drivers/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310EET Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP310EET Datasheet HTML 4Page - Sipex Corporation SP310EET Datasheet HTML 5Page - Sipex Corporation SP310EET Datasheet HTML 6Page - Sipex Corporation SP310EET Datasheet HTML 7Page - Sipex Corporation SP310EET Datasheet HTML 8Page - Sipex Corporation SP310EET Datasheet HTML 9Page - Sipex Corporation SP310EET Datasheet HTML 10Page - Sipex Corporation SP310EET Datasheet HTML 11Page - Sipex Corporation SP310EET Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
8
Table 1. Wake-up Function Truth Table.
SD
EN
Power
Up/Down
Receiver
Outputs
0
0
1
1
0
1
0
1
Down
Down
Up
Up
Enable
Tri–state
Enable
Tri–state
SP310E transmitter and receiver outputs in a high
impedance condition (tri-stated). The shutdown
mode is controlled on the SP312E by a logic “0”
on the SHUTDOWN control line (pin 18); this also
puts the transmitter outputs in a tri–state mode.
The receiver outputs can be tri–stated separately
during normal operation or shutdown by a logic
“1” on the ENABLE line (pin 1).
Wake–Up Feature for the SP312E
The SP312E has a wake–up feature that keeps
all the receivers in an enabled state when the
device is in the shutdown mode. Table 1 defines
the truth table for the wake–up function.
With only the receivers activated, the SP312E
typically draws less than 5
µA supply current.
In the case of a modem interfaced to a computer
in power down mode, the Ring Indicator (RI)
signal from the modem would be used to "wake
up" the computer, allowing it to accept data
transmission.
After the ring indicator signal has propagated
through the SP312E receiver, it can be used to
trigger the power management circuitry of the
computer to power up the microprocessor, and
bring the SD pin of the SP312E to a logic high,
taking it out of the shutdown mode. The receiver
propagation delay is typically 1
µs. The enable
time for V+ and Vis typically 2ms. After V+ and
Vhave settled to their final values, a signal can
be sent back to the modem on the data terminal
ready (DTR) pin signifying that the computer is
ready to accept and transmit data.
Pin Strapping for the SP233ECT
The SP233E packaged in the 20–pin SOIC pack-
age (SP233ECT) has a slightly different pinout
than the SP233E in other package configurations.
To operate properly, the following pairs of pins
must be externally wired together:
the two V– pins (pins 10 and 17)
the two C
2+ pins (pins 12 and 15)
the two C
2– pins (pins 11 and 16)
All other connections, features, functions and
performance are identical to the SP233E as
specified elsewhere in this data sheet.
ESD TOLERANCE
The SP202E/232E/233E/310E/312E devices
incorporates ruggedized ESD cells on all driver
output and receiver input pins. The ESD struc-
ture is improved over our previous family for
more rugged applications and environments sen-
sitive to electro-static discharges and associated
transients. The improved ESD tolerance is at
least
±15KV without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
c) IEC1000-4-2 Direct Contact
The Human Body Model has been the generally
accepted ESD testing method for semiconductors.
This method is also specified in MIL-STD-883,
Method 3015.7 for ESD testing. The premise of
this ESD test is to simulate the human body’s
potential to store electro-static energy and
discharge it to an integrated circuit.
The
simulation is performed by using a test model as
shown in Figure 9. This method will test the IC’s
capability to withstand an ESD transient during
normal handling such as in manufacturing areas
where the ICs tend to be handled frequently.
The IEC-1000-4-2, formerly IEC801-2, is
generally used for testing ESD on equipment and
systems. For system manufacturers, they must
guarantee a certain amount of ESD protection
since the system itself is exposed to the outside
environment and human presence. The premise


Similar Part No. - SP310EET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP310EET SIPEX-SP310EET Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP310EET-L EXAR-SP310EET-L Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
SP310EET-L/TR EXAR-SP310EET-L/TR Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP310EET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
   High-Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
   High Performance RS-232 Line Drivers/Receivers
SP202E EXAR-SP202E Datasheet
1Mb / 17P
   High Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
   HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com