Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2361 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2361
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2361 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2361 Datasheet HTML 3Page - RF Micro Devices RF2361 Datasheet HTML 4Page - RF Micro Devices RF2361 Datasheet HTML 5Page - RF Micro Devices RF2361 Datasheet HTML 6Page - RF Micro Devices RF2361 Datasheet HTML 7Page - RF Micro Devices RF2361 Datasheet HTML 8Page - RF Micro Devices RF2361 Datasheet HTML 9Page - RF Micro Devices RF2361 Datasheet HTML 10Page - RF Micro Devices RF2361 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4-337
RF2361
Rev A9 050117
Evaluation Board Schematic:
Low Noise Amplifier ~881MHz Operation
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic:
Driver Amplifier ~836MHz Operation
1
2
3
5
4
C3
22 nF
50
Ω μstrip
J1
RF IN
C2
220 pF
C1
10 nF
R1
1k
Ω
VPD
50
Ω μstrip
C4
2 pF
50
Ω μstrip
J2
RF OUT
L1
12 nH
C5
220 pF
C6
10 nF
VCC
2361410 Rev-
P1-1
VPD
GND
C7
4.7
μF
VCC
P1
1
2
3
1
2
3
5
4
C3
22 nF
50
Ω μstrip
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
Ω
VPD
50
Ω μstrip
C4
2 pF
50
Ω μstrip
J2
RF OUT
L1
12 nH
C5
220 pF
C6
10 nF
VCC
2361400 Rev-
P1
1
2
3
P1-1
VPD
GND
VCC
C7
4.7
μF


Similar Part No. - RF2361

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
292Kb / 14P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361PCBA-D RFMD-RF2361PCBA-D Datasheet
149Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361PCBA-D RFMD-RF2361PCBA-D Datasheet
292Kb / 14P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361PCBA-L RFMD-RF2361PCBA-L Datasheet
149Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2361

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
logo
RF Micro Devices
RF2369 RFMD-RF2369_06 Datasheet
306Kb / 10P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
   3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com