Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA4974 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA4974
Description  Besic without ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4974 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA4974 Datasheet HTML 2Page - NXP Semiconductors SAA4974 Datasheet HTML 3Page - NXP Semiconductors SAA4974 Datasheet HTML 4Page - NXP Semiconductors SAA4974 Datasheet HTML 5Page - NXP Semiconductors SAA4974 Datasheet HTML 6Page - NXP Semiconductors SAA4974 Datasheet HTML 7Page - NXP Semiconductors SAA4974 Datasheet HTML 8Page - NXP Semiconductors SAA4974 Datasheet HTML 9Page - NXP Semiconductors SAA4974 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1998 Apr 21
6
Philips Semiconductors
Product specification
Besic without ADC
SAA4974H
6.2
Pin description
Table 1
SOT318-2 package
SYMBOL
PIN
DESCRIPTION
SDA
1
I2C-bus serial data (P 1.7)
SCL
2
I2C-bus serial clock (P 1.6)
P1.5
3
Port 1 data input/output signal 5
P1.4
4
Port 1 data input/output signal 4
P1.3
5
Port 1 data input/output signal 3
P1.2
6
Port 1 data input/output signal 2
P1.1
7
Port 1 data input/output signal 1
VDDD1
8
digital supply voltage 1 (3.3 V)
RST
9
microprocessor reset input
SNRST
10
SNERT restart (port 1.0)
VDDD2
11
digital supply voltage 2 (3.3 V)
SNDA
12
SNERT data
SNCL
13
SNERT clock
VSSD1
14
digital ground 1
TMS
15
test mode select
VSSIO1
16
I/O ground 1
n.c.
17
not connected
VDDIO1
18
I/O supply voltage 1 (5 V)
n.c.
19
not connected
VA
20
vertical synchronization input, acquisition part
VSSD2
21
digital ground 2
HA
22
digital horizontal reference input
n.c.
23
not connected
RSTW
24
reset write signal output, memory 1
n.c.
25
not connected
n.c.
26
not connected
n.c.
27
not connected
n.c.
28
not connected
n.c.
29
not connected
ANATEST
30
analog test input
n.c.
31
not connected
WE
32
write enable signal output, memory 1
LLA
33
acquisition clock input
n.c.
34
not connected
n.c.
35
not connected
n.c.
36
not connected
n.c.
37
not connected
n.c.
38
not connected


Similar Part No. - SAA4974

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4970T PHILIPS-SAA4970T Datasheet
179Kb / 32P
   Economical video processing IC ECOBENDIC
1996 Oct 25
SAA4977H PHILIPS-SAA4977H Datasheet
186Kb / 32P
   Besic
1998 Jul 23
SAA4978 PHILIPS-SAA4978 Datasheet
296Kb / 56P
   Picture Improved Combined Network PICNIC
1999 May 03
SAA4978H PHILIPS-SAA4978H Datasheet
296Kb / 56P
   Picture Improved Combined Network PICNIC
1999 May 03
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
More results

Similar Description - SAA4974

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4977H PHILIPS-SAA4977H Datasheet
186Kb / 32P
   Besic
1998 Jul 23
logo
HuaXinAn Electronics CO...
AK5720VT HUAXINAN-AK5720VT Datasheet
1Mb / 25P
   ADC
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
   GENLOCK ADC
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
   ADC-CDS
logo
Advantech Co., Ltd.
AMIS-850T ADVANTECH-AMIS-850T Datasheet
280Kb / 2P
   Compact ADC
7-Nov-2022
logo
Analog Devices
AD9226 AD-AD9226_17 Datasheet
1,018Kb / 29P
   ADC Converter
MT-022 AD-MT-022 Datasheet
295Kb / 12P
   ADC Architectures III: Sigma-Delta ADC Basics
Rev.A, 10/08, WK
logo
HuaXinAn Electronics CO...
AK5556VN HUAXINAN-AK5556VN Datasheet
135Kb / 5P
   ADC with 4Filters
logo
Analog Devices
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
   Bridge Transducer ADC
REV. B
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com