Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP509CF Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP509CF
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509CF Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP509CF Datasheet HTML 6Page - Sipex Corporation SP509CF Datasheet HTML 7Page - Sipex Corporation SP509CF Datasheet HTML 8Page - Sipex Corporation SP509CF Datasheet HTML 9Page - Sipex Corporation SP509CF Datasheet HTML 10Page - Sipex Corporation SP509CF Datasheet HTML 11Page - Sipex Corporation SP509CF Datasheet HTML 12Page - Sipex Corporation SP509CF Datasheet HTML 13Page - Sipex Corporation SP509CF Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Date: 1/19/05
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
Figure 1. V.28 Driver Output Open Circuit Voltage
Figure 2. V.28 Driver Output Loaded Voltage
Figure 3. V.28 Driver Output Slew Rate
Figure 4. V.28 Driver Output Short-Circuit Current
Figure 6. V.28 Driver Output Rise/Fall Times
Figure 5. V.28 Driver Output Power-Off Impedance
TEST CIRCUITS
A
V
OC
C
A
V
T
C
3kΩ
A
V
T
C
7kΩ
Oscilloscope
Scope used for slew rate
measurement.
A
I
sc
C
A
C
V
CC
= 0V
±2V
I
x
A
C
3kΩ
2500pF
Oscilloscope


Similar Part No. - SP509CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP509CF SIPEX-SP509CF Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results

Similar Description - SP509CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
   Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
   Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
   Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com