Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2377-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2377-410
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2377-410 Datasheet HTML 1Page - RF Micro Devices RF2377-410 Datasheet HTML 2Page - RF Micro Devices RF2377-410 Datasheet HTML 3Page - RF Micro Devices RF2377-410 Datasheet HTML 4Page - RF Micro Devices RF2377-410 Datasheet HTML 5Page - RF Micro Devices RF2377-410 Datasheet HTML 6Page - RF Micro Devices RF2377-410 Datasheet HTML 7Page - RF Micro Devices RF2377-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-434
RF2377
Rev A11 020607
Application Schematic
W-CDMA Application Schematic
Pin
Function
Description
Interface Schematic
1RF OUT
RF output pin. This pin is DC coupled and requires VCC through a bias
inductor sized accordingly to provide a high pass transformation with a
series capacitor.
2GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
3GC
Analog gain control pin. This pin controls the gain of the IC. Minimum
gain occurs at VGC<0.4V and maximum gain is achieved with
VGC=2.0V. 50dB of linear gain control with little variation of input P1dB
is available.
4RF IN
RF input pin. This pin is DC coupled.
5GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
6VCC
Power supply. This pin should be connected to a regulated supply and
requires a bypass capacitor. Voltage is supplied through this pin to the
first stage collector; this voltage also controls the bias. Gain may be
tuned by adjusting the value of the feed inductor.
RF IN
4
5
6
3
2
1
Note orientation of
package in this schematic.
1 pF
GC
4.7 nH
47 nF
VCC
RF OUT
3.3 nH
47 nF
VCC
ATT
ATT
100 pF
RF IN
4
5
6
3
2
1
Note orientation of
package in this schematic.
1.2 pF
GC
4.7 nH
15 pF
VCC
2.7 nH
47 nF
VCC
ATT
ATT
15 pF
0.5 pF
2.2 nH
29 nH
29 nH
15 pF
1 uF
RF OUT


Similar Part No. - RF2377-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2377-410PCBA RFMD-RF2377-410PCBA Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2377-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
   CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
   W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com