Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD5806S Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5806S
Description  LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5806S Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5806S Datasheet HTML 1Page - Solid States Devices, Inc SPD5806S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
MAX
Instantaneous Forward Voltage Drop
IF = 2.0 Adc , TA = +25°C, 300 - 500μs pulse
IF = 2.0 Adc , TA = -55°C, 300 - 500μs pulse
VF1
VF2
.975
1.1
Vdc
Reverse Leakage Current
(Rated VR, TA = +25°C)
(Rated VR, TA =+100°C)
IR1
IR2
1
100
μA
Junction Capacitance
VR = 10 Vdc, f = 1MHz, TA = 25°C
CJ
45
pF
Maximum Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
25
ns
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
---
.140
A
.134
.155
B
.190
.230
B
.230
.280
C
.027
.033
C
.022
.028
D
1.00
---
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5802 thru SPD5806
and
SPD5802SMS thru SPD5806SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0107A
DOC


Similar Part No. - SPD5806S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5806 SSDI-SPD5806 Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - SPD5806S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD205 SSDI-SPD205 Datasheet
148Kb / 2P
   2.0 AMPS 50 - 300 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD605 SSDI-SPD605 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 300 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
   10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SPD205 SSDI-SPD205_1 Datasheet
227Kb / 2P
   25 ns HYPERFAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N5802-1 MICROSEMI-1N5802-1 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
   3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SHF2340 SSDI-SHF2340 Datasheet
268Kb / 3P
   3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
   10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com