Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3226EEA-L Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3226EEA-L
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3226EEA-L Datasheet(HTML) 3 Page - Sipex Corporation

  SP3226EEA-L Datasheet HTML 1Page - Sipex Corporation SP3226EEA-L Datasheet HTML 2Page - Sipex Corporation SP3226EEA-L Datasheet HTML 3Page - Sipex Corporation SP3226EEA-L Datasheet HTML 4Page - Sipex Corporation SP3226EEA-L Datasheet HTML 5Page - Sipex Corporation SP3226EEA-L Datasheet HTML 6Page - Sipex Corporation SP3226EEA-L Datasheet HTML 7Page - Sipex Corporation SP3226EEA-L Datasheet HTML 8Page - Sipex Corporation SP3226EEA-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Parameters
Symb
Test Conditions
Min.
Typ.
Max.
Driver Outputs
Output Voltage Swing
VO
Output load = 3kΩ to GND
±5.0
±6.0
V
Output load = Open Circuit
±15.0
Short Circuit Current
VOUT = 0V
±60
mA
Power-Off Impedance
Vcc=V+ = V- = 0
transmitter outputs= ±2V
300
10M
Output Leakage Current
Vcc = 0 or 3V to 3.3V, VOUT
= ±12V, Drivers disabled
±25
µA
Receiver Inputs
Input Voltage Range
-15
15
V
Input Threshold Low
Vcc = 3.3V
0.6
1.2
V
Vcc = 5.0V
0.8
1.5
Input Threshold High
Vcc = 3.3V
1.5
2.4
V
Vcc = 5.0V
1.8
2.4
Input Hysteresis
500
mV
Input Resistance
3
5
7
kΩ
ESD Protection
ESD Protection for R_In, T_Out pins
Human Body Model
±15
kV
All Other Pins
Human Body Model
±2
kV
Auto On-line® Plus (ONLINE = GND, SHUTDOWN = Vcc)
Rx Input Threshold to STATUS output high
±2.7
V
Rx Input Threshold to STATUS output low
±0.3
V
Threshold to STATUS high
tSTH
0.5
µs
Threshold to STATUS low
tSTL
30
µs
Rx or Tx transition to drivers enabled
tONLINE
Note 3
100
µs
Last Rx or Tx transition to drivers disabled
tOFFLINE
Note 2, 3
15
30
60
sec
Note 3: A transmitter/receiver edge is defined as a transition through input logic thresholds.
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX,. Typical values are at TAMB = +25°C.
C1–C4 = 0.1µF tested at 3.3V ±10%. C1=0.047µF C2–C4 = 0.33µF tested at 5V ±10%.


Similar Part No. - SP3226EEA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3226E EXAR-SP3226E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3226EEA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3244E SIPEX-SP3244E Datasheet
922Kb / 22P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com