Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6127EK1L Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6127EK1L
Description  High-Voltage, Step-Down Controller in TSOT6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127EK1L Datasheet(HTML) 5 Page - Sipex Corporation

  SP6127EK1L Datasheet HTML 1Page - Sipex Corporation SP6127EK1L Datasheet HTML 2Page - Sipex Corporation SP6127EK1L Datasheet HTML 3Page - Sipex Corporation SP6127EK1L Datasheet HTML 4Page - Sipex Corporation SP6127EK1L Datasheet HTML 5Page - Sipex Corporation SP6127EK1L Datasheet HTML 6Page - Sipex Corporation SP6127EK1L Datasheet HTML 7Page - Sipex Corporation SP6127EK1L Datasheet HTML 8Page - Sipex Corporation SP6127EK1L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 26, 2007
SP6127 TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
Page 5
Loop Compensation Example 1- A converter
utilizing a SP6127 has a 3.3µH inductor and a
22µF/5m
ceramic
capacitor.
Determine
whether Type-III compensation is needed.
From equation (2)
f
ESRZERO = 1.45MHz. From
equation (3)
f
DBPOLE
= 18.4 kHz. Since the
condition specified in (1) is not met, Type-III
compensation
must
be
used
by
adding
external components RZ and CZ. Using
equation (4) CZ is calculated to be 34pF (use
33pF). Following the guideline given in table 1,
a 2k
RZ should be used.
The steps followed in example 1 were used to
compensate the typical application circuit
shown on page 1.
Satisfactory
frequency
response of the circuit, seen in figure 2,
validates the above procedure.
Loop Compensation Example 2- A converter
utilizing the SP6127 has a 3.3µH inductor and
a
220µF,
82m
Aluminum
Electrolytic
capacitor.
Determine
whether
Type-III
compensation is needed.
From equation (2)
f
ESRZERO = 8.8kHz. From
equation (3)
f
DBPOLE
= 5.9kHz. Since the
condition specified in (1) is not met, Type-III
compensation needs to be used by adding
external components RZ and CZ. Using
equation (4) CZ is calculated 108pF (use 100
pF). Since
f
ESRZERO /
f
DBPOLE is approximately 2,
RZ must be set at 40k .
______________________________________________________ GENERAL OVERVIEW
R1
200k, 1%
R2
SP6127
VFB
RZ2
200k
CZ2
130pF
CP1
2pF
Error Amplif ier
Vref =0.6V
Vout
RZ
CZ
Figure 1- RZ and CZ in conjunction with internal compensation components form a Type-
III compensation network
Figure 2- Satisfactory frequency response of typical application circuit shown on page 1.
Crossover frequency
fc is 100kHz with a corresponding phase margin of 60 degrees.


Similar Part No. - SP6127EK1L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127EK1 SIPEX-SP6127EK1 Datasheet
351Kb / 8P
   Evaluation Board Manual
logo
Exar Corporation
SP6127EK1-L EXAR-SP6127EK1-L Datasheet
339Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
SP6127EK1-L/TR EXAR-SP6127EK1-L/TR Datasheet
339Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
More results

Similar Description - SP6127EK1L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
logo
Sipex Corporation
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
   High Voltage Step-Down Controller
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com