Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6134CU Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6134CU
Description  Dual Supply Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6134CU Datasheet(HTML) 3 Page - Sipex Corporation

  SP6134CU Datasheet HTML 1Page - Sipex Corporation SP6134CU Datasheet HTML 2Page - Sipex Corporation SP6134CU Datasheet HTML 3Page - Sipex Corporation SP6134CU Datasheet HTML 4Page - Sipex Corporation SP6134CU Datasheet HTML 5Page - Sipex Corporation SP6134CU Datasheet HTML 6Page - Sipex Corporation SP6134CU Datasheet HTML 7Page - Sipex Corporation SP6134CU Datasheet HTML 8Page - Sipex Corporation SP6134CU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Date: 2/16/06
SP6134 Dual Supply, Synchronous Buck Controller
© Copyright 2006 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
TIMERS: SOFTSTART
SS Charge Current:
10
µA
SS Discharge Current:
1
mA
Fault Present, SS = 0.2V
PROTECTION: SHORT CIRCUIT & THERMAL
Short Circuit Threshold Voltage
0.2
0.25
0.3
V
Measured VREF (0.8V) - VFB
Hiccup Timeout
100
ms
VFB = 0V
Number of Allowable Clock Cycles
20
Cycles
VFB = 0.7V
at 100% Duty Cycle
Minimum GL Pulse After 20 Cycles
0.5
Cycles
VFB = 0.7V
Thermal Shutdown Temperature
145
°C
Thermal Recovery Temperature
135
°C
Thermal Hysteresis
10
°C
OUTPUT: NFET GATE DRIVERS
GH & GL Rise Times
35
50
ns
Measured 10% to 90%
GH & GL Fall Times
30
40
ns
Measured 90% to 10%
GL to GH Non Overlap Time
45
70
ns
GH & GL Measured at 2.0V
SWN to GL Non Overlap Time
20
30
ns
Measured SWN = 100mV to GL = 2.0V
GH & GL Pull Down Resistance
50
KΩ
Resistor Pull-Down
Driver Pull Down Resistance
1.5
1.9
Note 1
Driver Pull Up Resistance
2.5
3.0
Note 1
ELECTRICAL SPECIFICATIONS: Continued
Unless otherwise specified: 0°C < TAMB < 70°C, 4.5V < VCC < 5.5V, BST=VCC,SWN = GND = 0V, UVIN = 3.0V, CVCC = 10µF,
CCOMP = 0.1µF, CGH = CGL = 3.3nF, CSS = 50nF, Typical measured at VCC=5V. The ♦ denotes the specifications which
apply over the full operating temperature range, unless otherwise specified.
Note 1: Gauranteed by design, not 100% tested.


Similar Part No. - SP6134CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134CU SIPEX-SP6134CU Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
logo
Exar Corporation
SP6134CU-L EXAR-SP6134CU-L Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
SP6134CU-L/TR EXAR-SP6134CU-L/TR Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6134CU/TR SIPEX-SP6134CU/TR Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6134CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com