Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6415 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6415
Description  Integrated White LED Driver With Organic LED Display Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6415 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6415 Datasheet HTML 4Page - Sipex Corporation SP6415 Datasheet HTML 5Page - Sipex Corporation SP6415 Datasheet HTML 6Page - Sipex Corporation SP6415 Datasheet HTML 7Page - Sipex Corporation SP6415 Datasheet HTML 8Page - Sipex Corporation SP6415 Datasheet HTML 9Page - Sipex Corporation SP6415 Datasheet HTML 10Page - Sipex Corporation SP6415 Datasheet HTML 11Page - Sipex Corporation SP6415 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Feb27-07 Rev K
Integrated White LED Driver With Organic LED Display Power Supply
© 2007 Sipex Corporation
Typical Switching Waveform

3
2
V
OUT =2V, V IN=2.5V; 4LEDs
I
OUT =0mA (RFB=20 Ω)
) V
SW= 20V/div,DC
2) V
OUT , 00mV / div,AC
3) Inductor Current, 200mA / div,DC
T= 0µS / div
Inductor=0µH, C
OUT =4.7µF

3
2
Typical Switching Waveform
V
OUT =2V, V IN=3.6V; 4LEDs
I
OUT =20mA (RFB=0Ω)
) V
SW= 0V/div,DC
2) V
OUT , 00mV / div,AC
3) Inductor Current, 200mA / div,DC
T= 0µS / div
Inductor=0µH, C
OUT =4.7µF
Step Response
V
OUT = 2V , V IN=3.6V
) Load 2mA to 5mA to 2mA ,DC.
2) V
OUT , 00mA / div,AC
3) Inductor Current 200mA / div,DC
T= 20µS /div

3
2
V
OUT =2V , V IN=2.7V
) EN , V/ div.DC
2) V
OUT , 0/div,DC
3) Inductor Current 00mA/div,DC
Load = 4LEDs, T=2ms/div
Start-Up/Shutdown

3
2
PACkAgE: 10 PIN DFN
Package Dimension
DFN-10
(3mmx3mmx0.85mm)
D
E
TOP VIEW
L
D2
E2
e
BOTTOM VIEW
PIN 1 ID
b
H
A
SIDE VIEW
G
F
MIN
MAX
MIN
MAX
A
0.00
0.035
D
2.00
3.00
0.4
0.22
E
2.00
3.00
0.4
0.22
F
e
0.450
0.550
0.08
0.022
D2
E2
b
0.50
0.250
0.005
0.00
L
0.350
0.450
0.04
0.08
g
0.00
0.00
0.0004
0.004
H
0.000
0.050
0.000
0.002
.600 TYP.
0.063 TYP.
2.400 TYP.
0.04 TYP.
SYMBOLS
MILLIMETERS
INCHES
0.450 TYP.
0.07 TYP.


Similar Part No. - SP6415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP64 ETC2-SP64 Datasheet
178Kb / 3P
   Heat Shrink
logo
DB Unlimited.
SP640304-1 DBUNLIMITED-SP640304-1 Datasheet
713Kb / 1P
   Released from Engineering
logo
Solid State Optronic
SP646 SSOUSA-SP646 Datasheet
191Kb / 5P
   1 Form A Solid State Relay
SP646-X SSOUSA-SP646-X Datasheet
165Kb / 4P
   1 Form A Solid State Relay
logo
SIPAT Co,Ltd
SP64D2 SIPAT-SP64D2 Datasheet
20Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - SP6415

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
   Integrated White LED Driver With Organic LED Display Power Supply
logo
National Semiconductor ...
LM3520_0509 NSC-LM3520_0509 Datasheet
960Kb / 14P
   Integrated White LED Driver with Organic LED Display Power Supply
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
logo
Global Mixed-mode Techn...
G2500 GMT-G2500 Datasheet
130Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5524A GMT-G5524A Datasheet
136Kb / 2P
   Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
logo
FSP TECHNOLOGY INC.
FSP102-3FS01 FSP-FSP102-3FS01 Datasheet
204Kb / 1P
   Power supply with LED Driver
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
   White led power supply for large display backlight
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
   White LED power supply for large display backlight
May 2011 Rev 7
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
   10 Channel LED Backlight Driver with Integrated Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com