Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3159PCBA-41X Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3159PCBA-41X
Description  QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3159PCBA-41X Datasheet(HTML) 3 Page - RF Micro Devices

  RF3159PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3159PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 of 26
RF3159
Rev A0 DS070102
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Impedance
LB_RF IN
50
Ω
LB_RF OUT
50
Ω
HB_RF IN
50
Ω
HB_RF OUT
50
Ω
Cellular 850MHz Band
GMSK Mode
Nominal Conditions (unless otherwise stated):
Input and Output=50
Ω, Temp=25 °C,
VCC=3.6V, VMODE=“Low”, Freq=824MHz to
849MHz, 25% Duty Cycle, Pulse
Width=1154
μs, PIN=-2dBm,
BAND_SEL=“Low”, TX_EN=“High”,
VRAMP=VRAMP,MAX
Operating Frequency Range
824
849
MHz
Input Power Range, PIN
-2
+1
+4
dBm
Maximum Output Power 1
34.2
35.0
dBm
Temp=25 °C, VCC=3.6V
Maximum Output Power 2
32.0
33.5
dBm
Temp=85 °C, VCC=3.2V
Total Efficiency (PAE)
47
53
%
Output Noise Power
-84
-80
dBm
RBW=100kHz, 869MHz to 894MHz,
f0=849MHz, over PIN range,
POUT<Rated POUT
Forward Isolation 1
-32
dBm
TX_EN=0V, VRAMP=VRAMP,MIN,
PIN=+4dBm
Forward Isolation 2
-10
dBm
V
RAMP =V
RAMP,MIN, PIN=+4dBm
2f0 Harmonics
-15
-5
dBm
3f0 Harmonics
-25
-10
dBm
Fundamental Cross Band Coupling
-6
dBm
Measured at HB_RFOUT pin,
POUT<Rated POUT at LB_RFOUT pin.
2f0, 3f0 Cross Band Coupling
-24
dBm
Measured at HB_RFOUT pin,
POUT<Rated POUT at LB_RFOUT pin.
All Other Non-harmonic Spurious
-36
dBm
Over PIN range, POUT<Rated POUT
Input VSWR
3:1
Output Load VSWR Stability
5:1
Spurious<-36dBm, Set VRAMP where
POUT<Rated POUT into 50Ω load, Full PIN
Range, RBW=3MHz
Output Load VSWR Ruggedness
10:1
Set VRAMP where POUT<Rated POUT into 50Ω
load, no damage or permanent degradation to
part
Note: VRAMP,MAX=2.2V, VRAMP,MIN =0.30V, Rated POUT=34.2dBm


Similar Part No. - RF3159PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
RF3158PCBA-41X RFMD-RF3158PCBA-41X Datasheet
610Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
More results

Similar Description - RF3159PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
   QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4022 TRIQUINT-TQM7M4022 Datasheet
152Kb / 13P
   3V Quad-Band GSM850/900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com