Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3161PCBA-410 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3161PCBA-410
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3161PCBA-410 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3161PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF3161PCBA-410 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
9
1
3
2
6
5
4
8
7
DCS/PCS
RFIN
BAND SELECT
TX ENABLE
VBATT
GND
VRAMP
GSM
RF IN
DCS/PCS
RFOUT
GSM
RFOUT
RF3161
QUAD-BAND GSM850/GSM900/DCS/PCS
POWER AMP MODULE
The RF3161 is a high-power, high-efficiency power amplifier module with
integrated power control that provides over 50dB of control range. The
device is a self-contained 6mmx6mmx1mm module with 50
Ω input and
output terminals. The device is designed for use as the final RF amplifier
in GSM850, EGSM900, DCS and PCS handheld digital cellular equipment
and other applications in the 824MHz to 849MHz, 880MHz to 915MHz,
1710MHz to 1785MHz and 1850MHz to 1910MHz bands. The RF3161
can be used for GSM and Polar Mod EDGE applications. The RF3161
requires no external routing or external components, simplifying layout
and reducing board space.
Features
Ultra-Small, Ultra-Thin
6mmx6mmx1mm Package
Size
Integrated VREG
Complete Power Control Solu-
tion
Large Signal Polar Modula-
tion EDGE Compatible
No External Components or
Routing
Improved Power Flatness
through Integrated Current
Limiter. 2.5A Maximum Cur-
rent Draw over VSWR, all
Phase Angles.
Applications
• 3V Quad-Band GSM and
EDGE Handsets
• EDGE Capable Large Signal
Polar Modulation Handsets
• Portable Battery-Powered
Equipment
• GSM850/EGSM900/DCS/PC
S Products
• GPRS Class 12
•Power StarTM Module
RF3161
Quad-Band GSM850/GSM900/DCS/PCS Power amp Module
RF3161 SB
Power Amp Module 5-Piece Sample Pack
RF3161PCBA-410
Fully Assembled Evaluation Board
Rev A1 DSB070518
Proposed
RoHS Compliant and Pb-Free Product
Package Style: Module, 6mmx6mm


Similar Part No. - RF3161PCBA-410

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF316 SAMTEC-RF316 Datasheet
220Kb / 1P
   Cable Assemblies
RF316 SAMTEC-RF316 Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
RF316-01BJ1-01BJ1-0100 SAMTEC-RF316-01BJ1-01BJ1-0100 Datasheet
1Mb / 7P
   RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01BR1-0100 SAMTEC-RF316-01BJ1-01BR1-0100 Datasheet
1Mb / 7P
   RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01RP1-0100 SAMTEC-RF316-01BJ1-01RP1-0100 Datasheet
1Mb / 7P
   RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
More results

Similar Description - RF3161PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com