Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6652 Datasheet HTML 1Page - Sipex Corporation SP6652 Datasheet HTML 2Page - Sipex Corporation SP6652 Datasheet HTML 3Page - Sipex Corporation SP6652 Datasheet HTML 4Page - Sipex Corporation SP6652 Datasheet HTML 5Page - Sipex Corporation SP6652 Datasheet HTML 6Page - Sipex Corporation SP6652 Datasheet HTML 7Page - Sipex Corporation SP6652 Datasheet HTML 8Page - Sipex Corporation SP6652 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
May25-07 RevH
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
Current Mode Control and Slope
Compensation
The SP6652 is designed to use low value
ceramic capacitors and low value inductors
to reduce the converter’s volume and cost
in portable devices. Current mode PWM
control was, therefore, chosen for the ease
of compensation when using ceramic output
capacitors and better transient line rejec-
tion, which is important in battery powered
applications. Current mode control spreads
the two poles of the output power train filter
far apart so that the modulator gain crosses
over at -20dB/decade instead of the usual
-40dB/decade. The external compensation
network is, simply, a series RC circuit con-
nected between ground and the output of the
internal transconductance error amplifier.
It is well known that an unconditional insta-
bility exists for any fixed frequency current-
mode converter operating above 50% duty
cycle. A simple, constant-slope compensa-
tionischosentoachievestabilityunderthese
conditions. The most common high duty
cycle application is a Li-Ion battery powered
regulator with a 3.3V output (D ≥ 90%). Since
thecurrentloopiscriticallydampedwhenthe
compensation slope (denoted MCV) equals
thenegativedischargeslope(denotedM2V),
the amount of slope compensation chosen
is, therefore:
M2 = dIL/dTOFF =-VOUT/L = -3.3V/4.7µH =
-702mA/µs
MV = M•RPMOS
MCV = -MV = 702mA/µs•0.2Ω = 140mV/µs,
for RPMOS = 0.20Ω
The inductor current is sensed as a voltage
across the PMOS charging switch and the
NMOS synchronous rectifier (see BLOCK
DIAGRAM). Duringinductorcurrentcharge,
V(PVIN)-V(LX) represents the charging cur-
rent ramp times the resistance of the PMOS
chargingswitch.Tokeeptheeffectivecurrent
slopecompensationconstant(remembering
current is being compensated, not voltage)
the voltage slope must be proportional to
RPMOS. To account for this, the slope com-
pensation voltage is internally generated
with a bias current that is also proportional
to RPMOS.
Over Current Protection
In steady state closed loop operation the
voltage at the COMP pin controls the duty
cycle.Duetothecurrentmodecontrolandthe
slope compensation, this voltage will be:
V(COMP)•
{ILPK•RPMOS + MCV•TON + VBE(Q1)}
The COMP node will be clamped when its
voltage tries to exceed V(BLIM) + VBE(Q1).
The VBE(Q1) term is cancelled by VBE(Q2)
at the output of the translator. The correct
value of clamp voltage is, therefore:
V(BLIM) = IL(MAX)• RPMOS + MCV •TON
The IL(MAX) term is generated with a bias
current that is proportional to RPMOS, to
keep the value of current limit approximately
constant over process and temperature
variations, while the MCV •TON is generated
by a peak-holding circuit that senses the
amplitude of the slope compensation ramp
at the end of TON.
There is minimum on-time (TON) generated
even if the COMP node is at zeroV, since
the peak current comparator is reset at the
end of a charge cycle and is held low during
a blanking time after the start of the next
charge cycle. This is necessary to swamp
the transients in the inductor current ramp
around switching times. The minimum TON
(100ns, nominally) is not sufficient for the
COMP node to keep control of the current
DetaileD Description


Similar Part No. - SP6652

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652EB SIPEX-SP6652EB Datasheet
87Kb / 4P
   Evaluation Board Manual
logo
Exar Corporation
SP6652EB EXAR-SP6652EB Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652ER SIPEX-SP6652ER Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results

Similar Description - SP6652

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
logo
Intersil Corporation
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
   1A Standard Buck PWM Regulator
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
   1A Regulator Standard Buck PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com