Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3266PCBA-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3266PCBA-410
Description  3V W-CDMA LINEAR PA MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3266PCBA-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3266PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF3266PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF3266
Rev A0 DS070529
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Power Mode
(VMODE High)
TC=+25°C, VCC=3.4V, VMODE=2.8V,
VREG=2.85V, Mod.=W-CDMA ULRMC 12.2,
POUT=19dBm, unless otherwise specified.
Operating Frequency Range
1920
1980
MHz
Maximum Linear Output
+19
dBm
Maximum Linear Output (HSDPA)
+18
dBm
HSDPA Modulation. See Condition A, Table 2.
Power Gain
16
20
25
dB
Gain Delta versus Frequency
0
0.5
1
dB
ACLR1 @ ±5MHz
-40
-36
dBc
ACLR1 @ ±5MHz, HSDPA
-40
-36
dBc
POUT=+18dBm. See Condition A, Table 2.
ACLR2 @ ±10MHz
-52
-48
dBc
ACLR2 @ ±10MHz, HSDPA
-52
-48
dBc
POUT=+18dBm. See Condition A, Table 2.
EVM
1
2.5
4.0
%
Input VSWR
1.3:1
Linear Efficiency
16
21
%
ICC (ICC, ICC_Bias)
110
145
mA
Harmonic Output (2fo)
-15
dBm
POUT=+19dBm, f=2fo, RBW=1MHz
Harmonic Output (3fo)
-25
dBm
POUT=+19dBm, f=3fo, RBW=1MHz
Stability
-60
dBc
3.1<VCC<4.3V, -50<POUT<POUT(MAX),
RBW=1MHz, Load VSWR=6:1, All Phase
Angles
Ruggedness
No
Damage
3.1<VCC<4.3V, -50<POUT<POUT(MAX),
Load VSWR=8:1, All Phase Angles
Reverse Intermodulation Product
5MHz Offset
-31
dBc
IM product, interferer at -40dBc CW @ 5MHz
offset
10MHz Offset
-41
dBc
IM product, interferer at -40dBc CW @ 10MHz
offset
Phase Jump
25
°
VMODE switched from 2.8V to 0V,
POUT=+19dBm


Similar Part No. - RF3266PCBA-410

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
RF320-12 TELEDYNE-RF320-12 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
logo
RF Monolithics, Inc
RF3210 RFM-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3210 MURATA-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
RF Monolithics, Inc
RF3210D RFM-RF3210D Datasheet
574Kb / 2P
   303.825 MHz SAW Filter
More results

Similar Description - RF3266PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7225 RFMD-RF7225 Datasheet
492Kb / 6P
   3V W-CDMA BAND 5 LINEAR PA MODULE
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
   3V W-CDMA BAND 2 LINEAR PA MODULE
RF7228 RFMD-RF7228 Datasheet
493Kb / 6P
   3V W-CDMA BAND 8 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
   3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
RF Micro Devices
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188 Datasheet
89Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com