Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7901 Datasheet(PDF) 8 Page - EPCOS

Part # B7901
Description  SAW Rx Filter 1855.0 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7901 Datasheet(HTML) 8 Page - EPCOS

  B7901 Datasheet HTML 1Page - EPCOS B7901 Datasheet HTML 2Page - EPCOS B7901 Datasheet HTML 3Page - EPCOS B7901 Datasheet HTML 4Page - EPCOS B7901 Datasheet HTML 5Page - EPCOS B7901 Datasheet HTML 6Page - EPCOS B7901 Datasheet HTML 7Page - EPCOS B7901 Datasheet HTML 8Page - EPCOS B7901 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
May 10, 2006
B7901
1855.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx Filter
Data Sheet
References
Type
B7901
Ordering code
B39182B7901K410
Marking and package
C61157-A7-A131
Packaging
F61074-V8152-Z000
Date codes
L_1126
S-parameters
B7901_NB.s3p
B7901_WB.s3p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG . This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B7901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7910F68W32HR ETC2-B7910F68W32HR Datasheet
808Kb / 2P
   4U Quad-socket Enterprise server platform supporting 8 PCI-e slots
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
   SAW Duplexer WCDMA / LTE Band XI
logo
List of Unclassifed Man...
B7922F76U8HR-2T ETC2-B7922F76U8HR-2T Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T ETC2-B7922F76U8HR-4T Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T-HE-X ETC2-B7922F76U8HR-4T-HE-X Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
More results

Similar Description - B7901

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF421.25M-A OSCILENT-803-RF421.25M-A Datasheet
390Kb / 2P
   421.25 MHz RF-Rx SAW Filter
803-RF421.25M-A OSCILENT-803-RF421.25M-A_14 Datasheet
390Kb / 2P
   421.25 MHz RF-Rx SAW Filter
logo
EPCOS
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
   SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9308 EPCOS-B9308 Datasheet
135Kb / 10P
   SAW Rx 2in1 filter 942.5 / 1842.5 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
   SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
   SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
   SAW Rx 2in1 filter 881.5 / 1960.0 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com