Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9003 Datasheet(PDF) 2 Page - EPCOS

Part # B9003
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9003 Datasheet(HTML) 2 Page - EPCOS

  B9003 Datasheet HTML 1Page - EPCOS B9003 Datasheet HTML 2Page - EPCOS B9003 Datasheet HTML 3Page - EPCOS B9003 Datasheet HTML 4Page - EPCOS B9003 Datasheet HTML 5Page - EPCOS B9003 Datasheet HTML 6Page - EPCOS B9003 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
March 25, 2004
SAW Components
B9003
836,5 MHz
Low-Loss Filter for Mobile Communication
Datasheet
1
2
4
3
0,075
bottom view
side view
top view
2,0
0,55
Features
q
Low-loss RF filter for Cell mobile telephone sys-
tem, transmit path
q
High counterband suppression
q
Usable passband 25 MHz
q
Unbalanced/unbalanced operation
q
Package size: 1.6 mm x 2.0 mm (4 pin, diagonal
pinning)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx weight 0,007g
Pin configuration
1
Input
3
Output
2,4
Ground
Electrostatic Sensitive Device (ESD)
* acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B9003
B39841-B9003-E910
C61157-A7-A105
F61074-V8152-Z000
Maximum ratings
Operable temperature range
T
– 30 /+ 85
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD*
100*
V
machine model, 10 pulses
Source Power max.
824 - 849 MHz
PIN
16
dBm
source impedance 50
elsewhere
PIN
10
dBm
source impedance 50
2
3
1
4
Chip sized SAW package DCS4G


Similar Part No. - B9003

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
   XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
   Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9005 EPCOS-B9005 Datasheet
60Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
More results

Similar Description - B9003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4132 EPCOS-B4132 Datasheet
127Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7748 EPCOS-B7748 Datasheet
66Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B7713 EPCOS-B7713 Datasheet
100Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7761 EPCOS-B7761 Datasheet
100Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7724 EPCOS-B7724 Datasheet
92Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7723 EPCOS-B7723 Datasheet
99Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B7639 EPCOS-B7639 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com