Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9005 Datasheet(PDF) 3 Page - EPCOS

Part # B9005
Description  SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9005 Datasheet(HTML) 3 Page - EPCOS

  B9005 Datasheet HTML 1Page - EPCOS B9005 Datasheet HTML 2Page - EPCOS B9005 Datasheet HTML 3Page - EPCOS B9005 Datasheet HTML 4Page - EPCOS B9005 Datasheet HTML 5Page - EPCOS B9005 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 19, 2004
SAW Components
B9005
2140,0 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Reference temperature:
T
= 25 ˚C
Terminating source impedance:
ZS = 100 Ω
Terminating load impedance:
ZL = 100 Ω
min.
typ.
max.
Center frequency
fc
2140,0
MHz
Maximum insertion attenuation
α
max
2110,0
...2170,0
MHz
2,0
2,2
dB
Amplitude ripple (p-p)
∆α
2110,0
...2170,0
MHz
0,7
0,9
dB
Amplitude ripple per 5 MHz channel (p-p)
∆α
5MHz
2110,0
...2170,0
MHz
0,3
0,4
dB/5MHz
Output phase balance (
φ(S
out2)−φ(Sout1)+180˚)
2110,0 MHz ...
2170,0
MHz
-10
0 / 3
10
˚
Output amplitude balance
(|S
out2/Sout1|)
2110,0 MHz ...
2170,0
MHz
-1,0
0 / 0,3
1,0
dB
Input VSWR
vswrIN
2110,0
...2170,0
MHz
1,8
2,1
Output VSWR
vswrOUT
2110,0
...2170,0
MHz
1,8
2,1
Attenuation
α
min
0,3
...1920,0
MHz
25
29
dB
1920,0
...1980,0
MHz
30
33
dB
1980,0
...2075,0
MHz
14
28
dB
2400,0
...6000,0
MHz
20
26
dB


Similar Part No. - B9005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
   XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
   Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B9003 EPCOS-B9003 Datasheet
74Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B9004 EPCOS-B9004 Datasheet
63Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results

Similar Description - B9005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7752 EPCOS-B7752 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7728 EPCOS-B7728 Datasheet
54Kb / 6P
   SAW Components Low-Loss Filter 2140,0 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com