Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6659 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6659_06 Datasheet HTML 1Page - Sipex Corporation SP6659_06 Datasheet HTML 2Page - Sipex Corporation SP6659_06 Datasheet HTML 3Page - Sipex Corporation SP6659_06 Datasheet HTML 4Page - Sipex Corporation SP6659_06 Datasheet HTML 5Page - Sipex Corporation SP6659_06 Datasheet HTML 6Page - Sipex Corporation SP6659_06 Datasheet HTML 7Page - Sipex Corporation SP6659_06 Datasheet HTML 8Page - Sipex Corporation SP6659_06 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
Figure 7: Efficiency Vs. Load Current, Vout =1.8V
1.8Vout Load Regulation
1.790
1.800
1.810
1.820
1.830
0
100
200
300
400
500
600
700
Output Current (mA)
Vin=4.2V
Vin=3.3V
Vin=2.7V
Figure 8: Load Regulation Vout =1.8V
Supply Current vs Supply Voltage
200
220
240
260
280
300
320
340
360
380
400
2
3
4
5
6
Input Voltage (V)
Vo=1.8V
Iload=0A
1.8Vout Efficiency vs Input voltage
50
55
60
65
70
75
80
85
90
95
100
2
3
4
5
6
Input Voltage (V)
Iout=600mA
Iout=100mA
Iout=10mA
Oscillator Frequency vs Supply Voltage
1.2
1.3
1.4
1.5
1.6
2
3
4
5
6
Input Voltage (V)
Vo=1.8V
Iload=600mA
Figure 10: Output Voltage vs. Load Current
Figure 11: Supply Current vs. Supply Voltage
Figure 12: Oscillator Frequency vs. Supply Voltage
Figure 9: 1.8Vout Efficiency vs. Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, VOUT = 1.8V, TAMB= +27°C
1.8Vout Efficiency Vs Output
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
Vin=2.7V
Vin=3.3V
Vin=4.2 V
Output Voltage vs Load Current
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
0
200
400
600
800
1000
1200
Load Current (mA)
Vin=3.3V


Similar Part No. - SP6659_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659EB SIPEX-SP6659EB Datasheet
95Kb / 3P
   Evaluation Board Manual
SP6659EK1 SIPEX-SP6659EK1 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.5 SIPEX-SP6659EK1-1.5 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1-1.8/TR SIPEX-SP6659EK1-1.8/TR Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659EK1/TR SIPEX-SP6659EK1/TR Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
More results

Similar Description - SP6659_06

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com