Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C322C109F5R5HA Datasheet(PDF) 10 Page - Kemet Corporation

Part # C322C109F5R5HA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C322C109F5R5HA Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C322C109F5R5HA Datasheet HTML 3Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 4Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 5Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 6Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 7Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 8Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 9Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 10Page - Kemet Corporation C322C109F5R5HA Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CERAMIC LEADED
PACKAGING INFORMATION
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
40
Ceramic Radial Tape and Reel Dimensions in Millimeters & (Inches)
Figure 3: Standard Reel
Figure 1
31/4"
(82.6)
.655"
±0.010"
(16.6
±0.25)
12"
(30.48 cm)
.059" to .315"
Greater Than
Over All
Height
of Taped
Components
*
Hub
1/8"
(3.18)
Ceramic Radial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Radial Leaded Ceramic Capacitors for automatic
insertion per EIA specification RS-468. Parts are taped to a
tagboard carrier strip, and wound on a reel as shown in
Figure 1. Kraft paper interleaving is inserted between the
layers of capacitors on the reel. Ammopack is also available,
with the same lead tape configuration and package quantities.
KEMET
®
KEMET
®
Kraft Paper
Interleaving
Carrier Tape
Carrier Strip
Adhesive Tape
* Lead spacings are 2.54mm
(.10") center-to-center.
** Lead spacings are 5.08mm
(.20") center-to-center.
C317**
C322**
C323**
C333**
P2
H
W0
W2
W2
P0
T
H1
L1
D0
C315*
C320*
CK05**
CKR05**
C052**
C056**
C066**
CK06**
CKR06**
C062**
C330**
C340**
P
1MM Max.
(.039")
Tape
Carrier
∆H
P1
F
Figure 2: Lead Tape Configuration (See Table Below)
W
H0
Sprocket Hole Diameter
Sprocket Hole Pitch
Component Pitch
Lead Spacing (1)
Sprocket Hole Center
to Lead Center (1)
Sprocket Hole Center
to Component Center
Height to Seating Plane
(straight leads) (2)
Component Height
Above Tape Center
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Height to Seating
Plane (formed leads) (2)
Component Alignment
Lead Protrusion
Composite Tape
Thickness
Overall Tape and
Lead Thickness
Carrier Tape Width
Hold-Down Tape
Width
Hold-Down Tape
Location
Do
P0
P
F
P1
P2
H
H1
± 0.2 (.008)
± 0.3 (.012)
± 0.3 (.012)
+0.6 -0.2
(+.024 -.008)
± 0.7 (.028)
± 1.3 (.051)
7301
7303
±0.5 (.020) Minimum
Maximum
7301
7303
16.0 (.630) 18.0 (.709)
4.0 (.157)
1.0 (.039)
0.7 (.051)
1.5 (.059)
18.0 (.709)
5.0 (.197)
3.0 (.118)
H0
∆h
L1
t
T
W
W0
W2
7301
7303
±0.5 (.020) Minimum
±0.2 (.008)
Maximum
±0.2 (.008)
Maximum
+1.0 - 0.5
(+.039 -.020)
Minimum
Maximum
(1) Measured at the egress from the carrier tape, on the component side.
(2) Determined by a 4 digit suffix placed at the end of the part number, as follows:
7301 =
7303 =
4.0 (.157)
12.7 (.500)
12.7 (.500)
5.08
2.54
(.20)
(.10)
3.81
5.08
(.150)
(.200)
6.35 (.250)
7301
7303
16.0 (.630) 18.0 (.709)
32.2 (1.27)
Recommended for parts with formed leads.
Recommended for parts with straight leads.
Example: C322C104K5R5CA7301
Example: C320C104K5R5CA7303
(Note: Non-standard lead lengths
available in bulk only.)
C6xx#
C6xx#
# See page 15 for exact lead
configuration for Series.


Similar Part No. - C322C109F5R5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C100J2G5TA KEMET-C322C100J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101F1G5TA KEMET-C322C101F1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 100 pF, /-1% Tol, 100 V, C0G, Lead Spacing=0.2"||" "918070
SOLENOID PRODUCT SPECIFICATION
C322C101G1G5TA KEMET-C322C101G1G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 100 pF, 2%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101J1G5TA KEMET-C322C101J1G5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 100 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C101J2G5TA KEMET-C322C101J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 100 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
More results

Similar Description - C322C109F5R5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com