Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7615 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7615
Description  Four Channel Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7615 Datasheet HTML 3Page - Sipex Corporation SP7615 Datasheet HTML 4Page - Sipex Corporation SP7615 Datasheet HTML 5Page - Sipex Corporation SP7615 Datasheet HTML 6Page - Sipex Corporation SP7615 Datasheet HTML 7Page - Sipex Corporation SP7615 Datasheet HTML 8Page - Sipex Corporation SP7615 Datasheet HTML 9Page - Sipex Corporation SP7615 Datasheet HTML 10Page - Sipex Corporation SP7615 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Oct 23-06
SP7615 Four Channel Constant Current LED Driver
© Copyright 2006 Sipex Corporation
Part Number
Operating Temperature Range
Package Type
SP7615ER .................................................. -40°C to +85°C ............................................ 8 Pin DFN (2 x 3mm)
SP7615ER/TR ............................................ -40°C to +85°C ............................................ 8 Pin DFN (2 x 3mm)
/TR = Tape and Reel
Pack quantity is 3000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP7615ER/TR = standard; SP7615ER-L/TR = lead free
ORDERING INFORMATION
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - SP7615

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
   Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7615EB SIPEX-SP7615EB Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7615ER SIPEX-SP7615ER Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7615ERTR SIPEX-SP7615ERTR Datasheet
84Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP7615

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
   Four Channel Constant Current LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Inventronics Inc.
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. O
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
   144W Four-channel Constant Current IP67 Driver
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com