Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA5252P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA5252P
Description  Line twenty-one acquisition and display LITOD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5252P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA5252P Datasheet HTML 7Page - NXP Semiconductors SAA5252P Datasheet HTML 8Page - NXP Semiconductors SAA5252P Datasheet HTML 9Page - NXP Semiconductors SAA5252P Datasheet HTML 10Page - NXP Semiconductors SAA5252P Datasheet HTML 11Page - NXP Semiconductors SAA5252P Datasheet HTML 12Page - NXP Semiconductors SAA5252P Datasheet HTML 13Page - NXP Semiconductors SAA5252P Datasheet HTML 14Page - NXP Semiconductors SAA5252P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1996 Jul 18
11
Philips Semiconductors
Product specification
Line twenty-one acquisition and display (LITOD)
SAA5252
DISPLAY GENERATOR
General description
The displayed characters are defined on a 5-by-12 matrix
within a 7-by-13 window, allowing one blank pixel either
side of the character and a blank pixel row above. There
are a number of display options available controlled by
Register 1, or external pins in ‘stand-alone’ mode.
The three display modes are video, text and caption, the
device is powered up in the video mode.
The display generator reads the Pre-amble Address Code
(PAC) then the data associated with that row. Each
character is then rounded after which it can be italicized
and/or underlined, depending on the PAC or mid-row
codes, before being passed on to the output circuitry.
Figure 6 shows the character set.
Display of external On-Screen Display (OSD) facilities
The R, G, B and BLAN outputs of the display have the
capability to be put in a 3-state mode allowing other OSD
devices to take control of the television R, G, B and BLAN
signals.
When the BLANIN is held HIGH then the R, G, B and
BLAN outputs from display are disabled and the R, G, B
and BLAN signals come directly from the RGBIN and
BLANIN inputs. This will allow On-Screen Display to be
placed on top of the captioning without any corruption,
leaving the captions intact when the On-Screen Display is
switched off (BLANIN goes LOW). In this form of operation
the RGBIN and RGBOUT pins can be considered
transparent; BLANIN goes through the normal output
buffer to BLAN.
Table 1
Register map (WRITE)
Table 2
Register map (READ)
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
00
DF1/2
RGB, BLAN
+ve/
−ve
H
+ve/
−ve
V
+ve/
−ve
H3
H2
H1
H0
01
CLEAR
CH 2/1
NARROW/
WIDE
ACQ OFF
EN1
EN0
M1
M0
02
−−
ROW3
ROW2
ROW1
ROW0
03
−−
COL4
COL3
COL2
COL1
COL0
04
OSD6
OSD5
OSD4
OSD3
OSD2
OSD1
OSD0
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
80
POR
0
0
0
F1/F2
EDS
PARITY
SHUTDOWN
DATA
READY
81
PARITY
ERROR
DATA
BIT 7
DATA
BIT 6
DATA
BIT 5
DATA
BIT 4
DATA
BIT 3
DATA
BIT 2
DATA
BIT 1
82
PARITY
ERROR
DATA
BIT 7
DATA
BIT 6
DATA
BIT 5
DATA
BIT 4
DATA
BIT 3
DATA
BIT 2
DATA
BIT 1


Similar Part No. - SAA5252P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5250 PHILIPS-SAA5250 Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250P PHILIPS-SAA5250P Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5250T PHILIPS-SAA5250T Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
   Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5254P PHILIPS-SAA5254P Datasheet
805Kb / 36P
   Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
More results

Similar Description - SAA5252P

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
   28 mm Diameter Twenty-One Turn Dial
Revision: 10-Jul-12
logo
SMSC Corporation
81C17 SMSC-81C17 Datasheet
71Kb / 18P
   TWENTY PIN UART (TPUART)
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
   One-line TVS Diode
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
   One-line TVS Diode
logo
Diodes Incorporated
PI6CB332001A DIODES-PI6CB332001A Datasheet
563Kb / 2P
   Twenty-Output PCIe 4.0 and 5.0 Buffer for Server and Data-Center Applications
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
   Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
   Sound and Vibration Data Acquisition
logo
Alpha & Omega Semicondu...
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
   One-line Bidirectional TVS Diode
logo
List of Unclassifed Man...
HP02S ETC2-HP02S Datasheet
177Kb / 6P
   One hardware controlled reset line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com