Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7614AEC6-L Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7614AEC6-L
Description  2-4 Channel Low Dropout Linear LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7614AEC6-L Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7614AEC6-L Datasheet HTML 5Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 6Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 7Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 8Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 9Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 10Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 11Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 12Page - Sipex Corporation SP7614AEC6-L Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Apr20-07 RevS
SP7611A/7612A/7614A Low Dropout Linear LED driver
2007 Sipex Corporation
Page 9
applications. Any of the SP761X series of LED
drivers can be used in the applications presented
in this document, due to their similar operation.
Example 1:
Drive low VF white or blue LEDs directly from
single cell Li-Ion
When using white or blue low VF LEDs, and
utilizing the driver's low voltage drop, only 3.4V VIN
is needed for the full 20mA LED current. At 3.1V,
there is still 5mA of typical current available for the
LEDs.
The single cell Li-Ion battery is utilized in many
applications like cell phones or digital still
cameras. In most cases, the Li-Ion battery voltage
level only goes down to 3.0V, and not down to the
full discharge level (2.7V) before requesting the
charger.
VDROP < 0.3V. This is the dropout voltage for the
SP7611A.
- VF = 3.1V.
Low VF white LED forward voltage
drop
- VIN (at 20mA) needs to be greater than
(VDROP+VF)
3.1V+.3V= 3.4V
Key Advantages
1) No boost circuit needed for the LCD or
keyboard backlight.
2) Drivers directly connected to a Li-Ion battery.
3) No EMI, no switching noise, no boost converter
efficiency loss, 1 capacitor, and no inductor.
Example 2:
Drive high VF white or blue LEDs from existing
bus ~ 4.0V to 5.5V
High VF LEDs have a forward voltage drop in the
range of 3.2V to 4.0V. In order to drive these LEDs
with the maximum current of 20mA, enabling
maximum brightness usually requires a boost
circuit for a single cell Li-Ion power supply. The
SP761X series is capable of driving high VF white
or blue LEDs with its ultra-low dropout feature.
The VIN needs to be only 300mV higher than the
highest VF in the circuit.
- VDROP < 0.3V. Dropout voltage of the SP7611A
- VF (at 20mA) < 3.3V to 4.0V (High VF)
- VIN (at 20mA) = VDROP + VF = 3.6V to 4.3V
- VIN (at 5mA typical) ~ 3.3V
Where VIN = Existing bus = 3.3V to 4.3V
Key Advantages
1) No boost circuit needed for the LCD or
keyboard backlight.
2) Drivers utilize existing bus.
3) Ultra-low voltage drop provides the full 20mA
LED current at the lowest possible voltage level.
Example 3:
Drive white, blue, red, amber LED string
In a boost circuit, or existing voltage bus, the
SP761X series of LED drivers can be used to
drive a whole string of LEDs and achieve flexible
brightness control - whether using analog or PWM.
VDROP = 0.3V. Dropout voltage of the SP7611A
- VIN_MIN = N x VF + VDROP
- VIN_MIN = N x VF + 0.3V
Where VIN_MIN = Existing bus, boost Voltage
‘N’ number of LEDs Per Branch
VF = Forward voltage of the LED
Key Advantages
1) No need for current matching resistors
and discrete transistors for brightness
control.
APPLICATION INFORMATION


Similar Part No. - SP7614AEC6-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7614AEC6 SIPEX-SP7614AEC6 Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614AEC6/TR SIPEX-SP7614AEC6/TR Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
More results

Similar Description - SP7614AEC6-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Infineon Technologies A...
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
   Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
IXYS Corporation
LDS8846 IXYS-LDS8846 Datasheet
365Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
LDS8845 IXYS-LDS8845 Datasheet
369Kb / 12P
   4-Channel Ultra Low Dropout No Noise LED Driver
logo
Diodes Incorporated
BCR430UW6Q DIODES-BCR430UW6Q Datasheet
844Kb / 9P
   LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26
November 2021 Rev. 3 - 2
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
   Low Dropout LED Driver
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com