Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7653ER Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7653ER
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER Datasheet(HTML) 2 Page - Sipex Corporation

  SP7653ER Datasheet HTML 1Page - Sipex Corporation SP7653ER Datasheet HTML 2Page - Sipex Corporation SP7653ER Datasheet HTML 3Page - Sipex Corporation SP7653ER Datasheet HTML 4Page - Sipex Corporation SP7653ER Datasheet HTML 5Page - Sipex Corporation SP7653ER Datasheet HTML 6Page - Sipex Corporation SP7653ER Datasheet HTML 7Page - Sipex Corporation SP7653ER Datasheet HTML 8Page - Sipex Corporation SP7653ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
2
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: -40°C < TAMB < 85°C, -40°C< Tj< 125°C, 4.5V < VCC < 5.5V, 3V< Vin< 28V, Boost=LX + 5V,
LX = GND = 0.0V, UVIN = 3.0V, CVCC = 1µF, CCOMP = 0.1µF, CSS = 50nF, Typical measured at VCC = 5V.
The denotes the specifications which apply over the full temperature range, unless otherwise specified.
VCC .................................................................................................. 7V
VIN ........................................................................................................................................... 20V
ILX ............................................................................................................................................... 5A
BST ............................................................................................... 27V
LX-BST ............................................................................. -0.3V to 7V
LX ....................................................................................... -1V to 20V
All other pins .......................................................... -0.3V to VCC+0.3V
Storage Temperature .................................................. -65°C to 150°C
Power Dissipation ...................................... Internally Limited via OTP
ESD Rating .......................................................................... 2kV HBM
Thermal Resistance JC .................................................................................... 5°C/W
ABSOLUTE MAXIMUM RATINGS
R
E
T
E
M
A
R
A
P
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
S
N
O
I
T
I
D
N
O
C
T
N
E
R
R
U
C
T
N
E
C
S
E
I
U
Q
V
C
C
)
g
n
i
h
c
ti
w
s
o
N
(
t
n
e
rr
u
C
y
l
p
p
u
S
5
.
1
3
A
m
V
B
F
V
9
.
0
=
V
C
C
)
g
n
i
h
c
ti
w
s
(
t
n
e
rr
u
C
y
l
p
p
u
S
8
A
m
o
N
(
t
n
e
rr
u
C
y
l
p
p
u
S
t
s
o
o
B
)
g
n
i
h
c
ti
w
s
2
.
0
4
.
0
A
m
V
B
F
V
9
.
0
=
)
g
n
i
h
c
ti
w
s
(
t
n
e
rr
u
C
y
l
p
p
u
S
t
s
o
o
B
0
.
4
A
m
O
L
V
U
:
N
O
I
T
C
E
T
O
R
P
V
C
C
d
l
o
h
s
e
r
h
T
tr
a
t
S
O
L
V
U
0
0
.
4
5
2
.
4
5
.
4
V
V
C
C
s
i
s
e
r
e
t
s
y
H
O
L
V
U
0
0
1
0
0
2
0
0
3
V
m
d
l
o
h
s
e
r
h
T
tr
a
t
S
N
I
V
U
3
.
2
5
.
2
5
6
.
2
V
s
i
s
e
r
e
t
s
y
H
N
I
V
U
0
0
2
0
0
3
0
0
4
V
m
t
n
e
rr
u
C
t
u
p
n
I
N
I
V
U
1
A
µ
V
0
.
3
=
N
I
V
U
E
C
N
E
R
E
F
E
R
R
E
I
F
I
L
P
M
A
R
O
R
R
E
e
c
n
e
r
e
f
e
R
r
e
if
il
p
m
A
r
o
rr
E
2
9
7
.
0
0
0
8
.
0
8
0
8
.
0
V
e
r
u
s
a
e
M
,.
g
if
n
o
C
n
i
a
G
X
2
V
B
F
V
;
C
C
C
º
5
2
=
T
,
V
5
=
e
c
n
e
r
e
f
e
R
r
e
if
il
p
m
A
r
o
rr
E
e
r
u
t
a
r
e
p
m
e
T
d
n
a
e
n
i
L
r
e
v
O
8
8
7
.
0
0
0
8
.
0
2
1
8
.
0
V
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
rr
E
6
V
/
A
m
n
i
a
G
r
e
if
il
p
m
A
r
o
rr
E
0
6
B
d
d
a
o
L
o
N
t
n
e
rr
u
C
k
n
i
S
P
M
O
C
0
5
1
A
µ
V
B
F
V
9
.
0
=
P
M
O
C
,
V
9
.
0
=
t
n
e
rr
u
C
e
c
r
u
o
S
P
M
O
C
0
5
1
A
µ
V
B
F
V
2
.
2
=
P
M
O
C
,
V
7
.
0
=
V
B
F
t
n
e
rr
u
C
s
a
i
B
t
u
p
n
I
0
5
0
0
2
A
n
V
B
F
V
8
.
0
=
e
l
o
P
l
a
n
r
e
t
n
I
4
z
H
M
p
m
a
l
C
P
M
O
C
5
.
2
V
V
B
F
C
º
5
2
=
A
T
,
V
7
.
0
=
t
n
e
i
c
if
f
e
o
C
.
p
m
e
T
p
m
a
l
C
P
M
O
C
2
-
C
º/
V
m
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.


Similar Part No. - SP7653ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653ER SIPEX-SP7653ER Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
logo
Exar Corporation
SP7653ER EXAR-SP7653ER Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
logo
Sipex Corporation
SP7653ER-L SIPEX-SP7653ER-L Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
logo
Exar Corporation
SP7653ER-L EXAR-SP7653ER-L Datasheet
822Kb / 15P
   1.3MHz, Buck Regulator
logo
Sipex Corporation
SP7653ER-L/TR SIPEX-SP7653ER-L/TR Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
More results

Similar Description - SP7653ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7663 SIPEX-SP7663_07 Datasheet
1Mb / 19P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 6A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com