Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7655ER Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7655ER
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655ER Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7655ER Datasheet HTML 5Page - Sipex Corporation SP7655ER Datasheet HTML 6Page - Sipex Corporation SP7655ER Datasheet HTML 7Page - Sipex Corporation SP7655ER Datasheet HTML 8Page - Sipex Corporation SP7655ER Datasheet HTML 9Page - Sipex Corporation SP7655ER Datasheet HTML 10Page - Sipex Corporation SP7655ER Datasheet HTML 11Page - Sipex Corporation SP7655ER Datasheet HTML 12Page - Sipex Corporation SP7655ER Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image

Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
The capacitor type suitable for the output capac-
itors can also be used for the input capacitors.
However, exercise additional caution when tanta-
lum capacitors are used. Tantalum capacitors are
known for catastrophic failure when exposed to
surge current, and input capacitors are prone to
such surge current when power supplies are con-
nected “live” to low impedance power sources.
Although tantalum capacitors have been success-
fully employed at the input, it is generally not
recommended.
Loop Compensation Design
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter output stage,
and feedback resistor divider. In order to cross
over at the desired frequency cut-off (FCO), the
gain of the error amplifier compensates for the
attenuation caused by the rest of the loop at this
frequency. The goal of loop compensation is to
manipulate loop frequency response such that
its cross-over gain at 0db, results in a slope of -
20db/dec.
The first step of compensation design is to pick
the loop crossover frequency. High crossover
frequency is desirable for fast transient response,
but often jeopardizes the power supply stability.
Crossover frequency should be higher than the
ESR zero but less than 1/5 of the switching
frequency or 60kHz. The ESR zero is contrib-
uted by the ESR associated with the output
capacitors and can be determined by:
ƒZ(ESR)=
1
2 C OUT R ESR
The next step is to calculate the complex conju-
gate poles contributed by the LC output filter,
ƒP(LC)=
1
2
L C OUT
When the output capacitors are of a Ceramic
Type, the SP7655 Evaluation Board requires a
Type III compensation circuit to give a phase
boost of 180° in order to counteract the effects of
an underdamped resonance of the output filter at
the double pole frequency.
SP7655 Voltage Mode Control Loop with Loop Dynamic
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S^2LCOUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: RESR= Output Capacitor Equivalent Series Resistance.
RDC= Output Inductor DC Resistance.
VRAMP_PP= SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> RESR& R DC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
GAMP(s) Gain Block
PWM Stage
GPWMGain
Block
Output Stage
GOUT(s) Gain
Block
Voltage Feedback
GFBKGain Block
Definitions:
RESR= Output Capacitor Equivalent Series Resistance
RDC= Output Inductor DC Resistance
RRAMP_PP= SP7655 internal RAMP Amplitude Peak to Peak Voltage
Conditions:
CZ2 >> Cp1 and R1 >> Rz3
Output Load Resistance >>
RESRand RDC


Similar Part No. - SP7655ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655ER SIPEX-SP7655ER Datasheet
491Kb / 10P
   Evaluation Board Manual
SP7655ER-L/TR SIPEX-SP7655ER-L/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655ER/TR SIPEX-SP7655ER/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results

Similar Description - SP7655ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com