Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7655ERL Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7655ERL
Description  Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655ERL Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7655ERL Datasheet HTML 6Page - Sipex Corporation SP7655ERL Datasheet HTML 7Page - Sipex Corporation SP7655ERL Datasheet HTML 8Page - Sipex Corporation SP7655ERL Datasheet HTML 9Page - Sipex Corporation SP7655ERL Datasheet HTML 10Page - Sipex Corporation SP7655ERL Datasheet HTML 11Page - Sipex Corporation SP7655ERL Datasheet HTML 12Page - Sipex Corporation SP7655ERL Datasheet HTML 13Page - Sipex Corporation SP7655ERL Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
Rev E: 3/2/07
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
© 2007 Sipex Corporation
SP765X Thermal Resistance
The SP765X family has been tested with a
variety of footprint layouts along with different
copper area and thermal resistance has been
measured. The layouts were done on 4 layer
FR4 PCB with the top and bottom layers using
3 ounces of copper and the power and ground
layers using 1 ounce of copper.
FortheMinimumfootprint,onlyabout0.1square
inch (of 3 ounces of) copper was used on the top
or footprint layer, and this layer had no vias to
connect to the 3 other layers. For the Medium
footprint, about 0.7 square inches (of 3 ounces
of) copper was used on the top layer, but vias
were used to connect to the other 3 layers. For
the Maximum footprint, about 1.0 square inch
(of 3 ounces of) copper was used on the top layer
and many vias were used to connect to the 3
other layers.
The results show that only about 0.7 square
inches (of 3 ounces of) copper on the top layer
and vias connecting to the 3 other layers are
needed to get the best thermal resistance of
36°C/W. Adding area on the top beyond the 0.7
square inches did not reduce thermal resistance.
SP765X Thermal Resistance
4 Layer Board:
Top Layer 3ounces Copper
GND Layer 1ounce Copper
Power Layer 1ounce Copper
Bottom Layer 3ounces Copper
Minimum Footprint: 44°C/W
Top Layer: 0.1 square inch
No Vias to other 3 Layers
Medium Footprint: 36°C/W
Top Layer: 0.7 square inch
Vias to other 3 Layers
Maximum Footprint: 36°C/W
Top Layer: 1.0 square inch
Vias to other 3 Layers
APPLICATIONS INFORMATION
Using a minimum of 0.1 square inches of (3
ounces of) copper on the top layer with no vias
connecting to the 3 other layers produced a
thermal resistance of 44°C/W. This thermal
impedance is only 22% higher than the medium
and large footprint layouts, indicating that space
constrained designs can still benefit thermally
from the Powerblox family of ICs. This indi-
cates that a minimum footprint of 0.1 square
inch, if used on a 4 layer board, can produce
44°C/W thermal resistance. This approach is
still very worthwhile if used in a space con-
strained design.
The following page shows the footprint layouts
from an ORCAD file. The thermal data was
taken for still air, not with forced air. If forced
air is used, some improvement in thermal resis-
tance would be seen.


Similar Part No. - SP7655ERL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655ER SIPEX-SP7655ER Datasheet
491Kb / 10P
   Evaluation Board Manual
SP7655ER-L/TR SIPEX-SP7655ER-L/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655ER/TR SIPEX-SP7655ER/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results

Similar Description - SP7655ERL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7651 SIPEX-SP7651_07 Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com