Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7662 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7662
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7662_07 Datasheet HTML 4Page - Sipex Corporation SP7662_07 Datasheet HTML 5Page - Sipex Corporation SP7662_07 Datasheet HTML 6Page - Sipex Corporation SP7662_07 Datasheet HTML 7Page - Sipex Corporation SP7662_07 Datasheet HTML 8Page - Sipex Corporation SP7662_07 Datasheet HTML 9Page - Sipex Corporation SP7662_07 Datasheet HTML 10Page - Sipex Corporation SP7662_07 Datasheet HTML 11Page - Sipex Corporation SP7662_07 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Mar -07 Rev AJ
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2007 Sipex Corporation
SolvingforR9weget:
R9 = [60mV • (R3 + R4)]
[(IMAx • DCR) – 60mV]
Asanexample:ifdesiredIMAx is 7A, then
R9 = 63.4KΩ.
R9
63.4KΩ
CSP
6.8nF
SWN
ISP
ISN
SP7662
CS
0.uF
R4
5.11KΩ
R3
5.11KΩ
L=2.7uH,DCR=4.1mΩ
VOUT
Over-current detection circuit for
Imax > 60mV / DCR
Decreasing the Current Limit
If it is required to set IMAx < {60mV / DCR,
a resistor is added as shown in the follow-
ing figure. R8increases the net voltage
detected by the current-sense comparator.
Voltage at the positive and negative terminal
ofcomparatorisgivenby:
VSP = VOut + (IMAx • DCR)
VSN = VOut
{R8 / (R4 +R8)}
Sincethecomparatoristriggeredat60mV:
VSP-VSN = 60 mV
Combining the above equations and solv-
ingforR8:
R8 =
R4 •
[VOut- 60mV + (IMAX • DCR)]
60mV - (IMAX • DCR)
Asanexample:forIMAx of 2A and VOut of
3.3V,calculatedR8is1.5MΩ.
CSP
6.8nF
ISN
SP7662
SWN
ISP
CS
0.uF
R4
5.11KΩ
R3
5.11KΩ
VOUT
L=2.7uH,DCR=4.1mΩ
R8
1.5MΩ
Over-current detection circuit for
Imax < {60mV / DCR}
Handling of Faults
Upon the detection of power (UVLO), ther-
mal, or short-circuit faults, the SP7662 is
forced into an idle state where the SS and
COMPpinsarepulledlowandbothswitches
are held off. In the event of UVLO fault, the
SP7662 remains in this idle state until the
UVLO fault is removed. Upon the detection
of a thermal or short-circuit fault, an internal
200ms timer is activated. In the event of a
short-circuit fault, a restart is attempted im-
mediately after the 200ms timeout expires.
Whereas, when a thermal fault is detected
the200msdelaycontinuouslyrecyclesanda
restartcannotbeattempteduntilthethermal
fault is removed and the timer expires.
THEORY OF OPERATION


Similar Part No. - SP7662_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7662EB SIPEX-SP7662EB Datasheet
545Kb / 11P
   Evaluation Board Manual
SP7662ER SIPEX-SP7662ER Datasheet
545Kb / 11P
   Evaluation Board Manual
SP7662ER-L/TR SIPEX-SP7662ER-L/TR Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7662ER/TR SIPEX-SP7662ER/TR Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
   Evaluation Board Manual
More results

Similar Description - SP7662_07

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
   Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7655 SIPEX-SP7655_07 Datasheet
1Mb / 16P
   Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7650 SIPEX-SP7650 Datasheet
121Kb / 12P
   Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
International Rectifier
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com