Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7686 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP7686
Description  Constant Current Flash Driver in DFN 2mm x 3mm
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7686 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP7686 Datasheet HTML 5Page - Sipex Corporation SP7686 Datasheet HTML 6Page - Sipex Corporation SP7686 Datasheet HTML 7Page - Sipex Corporation SP7686 Datasheet HTML 8Page - Sipex Corporation SP7686 Datasheet HTML 9Page - Sipex Corporation SP7686 Datasheet HTML 10Page - Sipex Corporation SP7686 Datasheet HTML 11Page - Sipex Corporation SP7686 Datasheet HTML 12Page - Sipex Corporation SP7686 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Jul16-07 RevP
SP7686: 500mA LED Driver
2007 Sipex Corporation
- 9 -
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, D1 = Luxeon LXCL-PWF3, TA = 25˚C unless otherwise noted.
0
100
200
300
400
500
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
0
50
100
150
200
2.7
3.0
3.3
3.6
3.9
4.2
Vin (V)
Figure 11. SP7686A Torch Mode Output Current
Figure 12. SP7686A Flash Mode Output Current
Figure 13. SP7686A Turn-off to Shutdown, VIN=4.2V
Figure 14. SP7686A Time-out Flash to Shutdown, VIN=4.2V
Figure 15. SP7686A Flash Mode 1X, VIN=4.2V
Figure 16. SP7686A Flash Mode 2X, VIN=3.4V
CTRL
CTRL
VOUT
VOUT
VFB
VFB
EN
EN
VOUT
VFB
VOUT
VFB
IIN
1A/div
IIN
1A/div


Similar Part No. - SP7686

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7686AEB SIPEX-SP7686AEB Datasheet
148Kb / 5P
   Evaluation Board Manual
SP7686AER SIPEX-SP7686AER Datasheet
148Kb / 5P
   Evaluation Board Manual
SP7686A SIPEX-SP7686A_07 Datasheet
148Kb / 5P
   Evaluation Board Manual
SP7686EB SIPEX-SP7686EB Datasheet
144Kb / 4P
   Evaluation Board Manual
SP7686ER SIPEX-SP7686ER Datasheet
144Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP7686

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com