Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T493C227M006BB6230 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T493C227M006BB6230
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T493C227M006BB6230 Datasheet(HTML) 1 Page - Kemet Corporation

  T493C227M006BB6230 Datasheet HTML 1Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 2Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 3Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 4Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 5Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 6Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 7Page - Kemet Corporation T493C227M006BB6230 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
22
• Standard Cases Sizes A - X per EIA535BAAC
• Termination Finishes offered per MIL-PRF-55365: Gold Plated, Hot Solder Dipped, Solder Plated,
Solder Fused, 100% Tin
• Weibull Grading Available: B (0.1%/1000hrs) and C (0.01%/1000hrs)
• Surge Current Testing Available per MIL-PRF-55365: 10 cycles @ +25°C; 10 cycles @ -55°C and +85°C
• Standard and Low ESR Options
• Operating Temperature Range: -55°C to +125°C
• Capacitance: 0.1 to 330µF
• Voltage: 4 to 50 Volts
Case Size
±0.20
±0.1
±0.3
B ±0.15
KEMET EIA/IECQ
L
W
H
K ±(.008) F ±(.004) S ±(.012) (Ref) ±.006
X(Ref)
T(Ref) A(Min) G(ref) E(ref)
A
3216-18
3.2 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
1.2
0.8
0.4
0.10 ± 0.10
0.13
1.1
1.3
(.126 ± .008) (.063 ± .008) (.063 ± .008)
(.035)
(.047)
(.031)
(.016)
(.004 ± .004) (.005)
(.043) (.051)
B
3528-21
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.2
1.1
2.2
0.8
0.4
0.10 ± 0.10
0.13
1.8
2.2
(.138 ± .008) (.110 ± .008) (.075 ± .008)
(.043)
(.087)
(.031)
(.016)
(.005)
(.071) (.087)
C
6032-28
6.0 ± 0.3
3.2 ± 0.3
2.5 ± 0.3
1.4
2.2
1.3
0.5
0.10 ± 0.10
0.13
2.8
2.4
(.236 ± .012) (.126 ± .012) (.098 ± .012)
(.055)
(.087)
(.051)
(.020)
(.004 ± .004) (.005)
(.110) (.094)
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.5
2.4
0.5
0.13
3.8
3.5
3.5
(.287 ± .012) (.169 ± .012) (.110 ± .012)
(.059)
(.094)
(.051)
(.020)
(.004 ± .004) (.005)
(.150) (.138) (.138)
X
7343-43
7.3 ± 0.3
4.3 ± 0.3
4.0 ± 0.3
2.3
2.4
1.3
0.5
0.10 ± 0.10
0.13
3.8
(.287 ± .012) (.169 ± .012) (.157 ± .012)
(.091)
(.094)
(.020)
(.004 ± .004) (.005)
(.150) (.138) (.138)
Dimensions - Millimeters (Inches)
Outline Drawing
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination Notch
at KEMET’s Option,
Either End
Features
Notes:
1. Metric dimensions govern.
2. (ref) - Dimensions provided for reference only.
(.051)
1.4
(.055)
1.3
(.004 ± .004)
2.1
0.9
(.083)
(.122)
0.10 ± 0.10
3.1
3.5
3.5
FEATURES
OUTLINE DRAWING
DIMENSIONS- MILLIMETERS (INCHES)
Component Marking
+
(+) KEMET
T493 COTS
336
Rated
Voltage
KEMET ID
Picofarad Code
Polarity
Indicator
K
20
315
Print Week Code
1st Digit = Year
2nd & 3rd Digit + Week
“315” = 15th Week of 2003
COMPONENT MARKING
SOLID TANTALUM CHIP CAPACITORS
T493 SERIES—Military COTS
515
“515 = 15th week of 2005
KEMET
EIA
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
0.9
(.035)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.1
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
(.236 ± .012)
3.2 ± 0.3
(.126 ± .12)
2.5 ± 0.3
.098 ± .012)
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.0235)
1.0
(.039)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.0235)
1.0
(.039)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.3
(.091)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
3.8
(.150)
3.5
(.138)
3.5
(.138)
E
7260-38
7.3 ± 0.3
(.287 ± .012)
6.0 ± 0.3
(.236± .012)
3.6 ± 0.2
(.142 ± .008)
2.3
(.091)
4.1
(.161)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
3.8
(.150)
3.5
(.138)
3.5
(.138)
Case Size
LW
H
A (Min)
G (Ref)
E (Ref)
K ±0.20
F ±0.1
S ±0.3
X (Ref)
B ±0.15
(Ref) ±(.006)
P (Ref)
R (Ref)


Similar Part No. - T493C227M006BB6230

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T493 KEMET-T493 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH6120 KEMET-T493D227K006CH6120 Datasheet
1Mb / 26P
   T493 High Reliability Alternative MnO2 (CWR11 Style)
8/1/2023
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
T493X106K063AT6110 KEMET-T493X106K063AT6110 Datasheet
260Kb / 1P
   T493 HRA, Tantalum, MnO2 Tantalum, HRA, 10 uF, 10%, 63 VDC, SMD, MnO2, Molded, High Reliability, N/A, 600 mOhms, 7343, Height Max = 4.3mm
10/20/2022
logo
Texas Instruments
T493X107K016CH612A TI-T493X107K016CH612A Datasheet
2Mb / 33P
[Old version datasheet]   TPS7H1101A-SP 1.5-V to 7-V Input, 3-A, Radiation-Hardened LDO Regulator
APRIL 2021
More results

Similar Description - T493C227M006BB6230

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com